Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 77 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 73Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 74Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 75Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 76Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 77Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 78Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 79Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 80Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
77
Flash Memory Control (FMCON)
7
6
5
4
3
2
1
0
Reset Value
SFR EEh
0
PGERA
0
FRCM
0
BUSY
SPM
FPM
02h
PGERA
Page Erase. Available in both user and program modes.
bit 6
0 = Disable Page Erase Mode
1 = Enable Page Erase Mode (automatically set by page_erase Boot ROM routine)
FRCM
Frequency Control Mode.
bit 4
0 = Bypass (default)
1 = Use Delay Line. Recommended for saving power.
BUSY
Write/Erase BUSY Signal.
bit 2
0 = Idle or Available
1 = Busy
SPM
Serial Programming Mode. Read-only.
bit 1
0 = Indicates the device is not in serial programming mode.
1 = Indicates the device is in serial programming mode (if FPM also = 1).
FPM
Flash Programming Mode. Read-only.
bit 0
0 = Indicates the device is operating in UAM.
1 = Indicates the device is operating in programming mode.
Flash Memory Timing Control (FTCON)
7
6
5
4
3
2
1
0
Reset Value
SFR EFh
FER3
FER2
FER1
FER0
FWR3
FWR2
FWR1
FWR0
A5h
Refer to Flash Memory Characteristics.
FER3−0
Set Erase. Flash Erase Time = (1 + FER)
• (MSEC + 1) • tCLK. This can be broken into multiple, shorter erase times.
bits 7−4
For more Information, see Application Report SBAA137, Incremental Flash Memory Page Erase, available for
download from www.ti.com.
Industrial temperature range: 11ms
Commercial temperature range: 5ms
FWR3−0
Set Write. Set Flash Write Time = (1 + FWR)
• (USEC + 1) • 5 • tCLK. Total writing time will be longer. For more
bits 3−0
Information, see Application Report SBAA087, In-Application Flash Programming, available for download from
www.ti.com.
Range: 30
µs to 40µs.
B Register (B)
7
6
5
4
3
2
1
0
Reset Value
SFR F0h
00h
B.7−0
B Register. This register serves as a second accumulator for certain arithmetic operations.
bits 7−0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com