Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 54 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 50Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 51Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 52Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 53Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 54Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 55Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 56Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 57Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
54
I2C Control (I2CCON)
7
6
5
4
3
2
1
0
Reset Value
SFR 9Ah
SBIT3
SBIT2
SBIT1
SBIT0
STOP
START
DCS
CNTSEL
00h
SBIT3−0
Serial Bit Count. Number of bits transferred (read-only).
bits 7−4
SBIT3:0
COUNT
0x00
0
0x01
1
0x03
2
0x02
3
0x06
4
0x07
5
0x05
6
0x04
7
0x0C
8
STOP
Stop-Bit Status.
bit 3
0: No stop
1: Stop condition received and I2C (bit 3, SFR A7h) set (cleared on write to I2CDATA)
START
Start-Bit Status.
bit 2
0: No stop
1: Start or repeated start condition received and I2C (bit 3, SFR A7h) set (cleared on write to I2CDATA)
DCS
Disable Serial Clock Stretch.
bit 1
0: Enable SCL stretch (cleared by firmware or START condition)
1: Disable SCL stretch
CNTSEL
Counter Select.
bit 0
0: Counter IRQ set for bit counter = 8 (default)
1: Counter IRQ set for bit counter = 1
SPI Data (SPIDATA) / I2C Data (I2CDATA)
7
6
5
4
3
2
1
0
Reset Value
SFR 9Bh
00h
SPIDATA
SPI Data. Data for SPI is read from or written to this location. The SPI transmit and receive buffers are
bits 7−0
separate registers, but both are addressed at this location. Read to clear the receive interrupt and write to clear the
transmit interrupt.
I2CDATA
I2C Data. Data for I2C is read from or written to this location. The I2C transmit and receive buffers are
bits 7−0
separate registers, but both are addressed at this location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com