Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8347ECVRAGFB Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRAGFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRAGFB Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRAGFB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
30
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
Figure 15 shows the TBI receive AC timing diagram.
Figure 15. TBI Receive AC Timing Diagram
RXD[7:0], RX_DV, RX_ER (RCG[9:0]) setup time to rising
PMA_RX_CLK
tTRDVKH
2
2.5
—
—
ns
RXD[7:0], RX_DV, RX_ER (RCG[9:0]) hold time to rising
PMA_RX_CLK
tTRDXKH
2
1.5
—
—
ns
RX_CLK clock rise time (20%–80%)
tTRXR
0.7
—
2.4
ns
RX_CLK clock fall time (80%–20%)
tTRXF
0.7
—
2.4
ns
Notes:
1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTRDVKH symbolizes TBI receive timing
(TR) with respect to the time data input signals (D) reach the valid state (V) relative to the tTRX clock reference (K) going to
the high (H) state or setup time. Also, tTRDXKH symbolizes TBI receive timing (TR) with respect to the time data input signals
(D) went invalid (X) relative to the tTRX clock reference (K) going to the high (H) state. In general, the clock reference symbol
is based on three letters representing the clock of a particular function. For example, the subscript of tTRX represents the TBI
(T) receive (RX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). For
symbols representing skews, the subscript SK followed by the clock that is being skewed (TRX).
2. Setup and hold time of even numbered RCG are measured from the riding edge of PMA_RX_CLK1. Setup and hold times
of odd-numbered RCG are measured from the riding edge of PMA_RX_CLK0.
Table 30. TBI Receive AC Timing Specifications (continued)
At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
PMA_RX_CLK1
RCG[9:0]
tTRX
tTRXH
tTRXR
tTRXF
tTRDVKH
PMA_RX_CLK0
tTRDXKH
tTRDVKH
tTRDXKH
tTRXH
Even RCG
Odd RCG
tSKTRX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com