Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8347ECVRAGFB Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRAGFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRAGFB Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRAGFB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
74
Freescale Semiconductor
Package and Pin Listings
Thermal Management
THERM0
B15
I
—
8
Power and Ground Signals
AVDD1
C15
Power for e300
PLL (1.2 V)
nominal, 1.3 V
for 667 MHz)
AVDD1—
AVDD2U1
Power for
system PLL
(1.2 V)
nominal, 1.3 V
for 667 MHz)
AVDD2—
AVDD3
AF9
Power for DDR
DLL (1.2 V
nominal, 1.3 V
for 667 MHz)
—
AVDD4U2
Power for LBIU
DLL (1.2 V
nominal, 1.3 V
for 667 MHz)
AVDD4—
GND
A2, B1, B2, D10, D18, E6, E14, E22,
F9, F12, F15, F18, F21, F24, G5, H6,
J23, L4, L6, L12, L13, L14, L15, L16,
L17, M11, M12, M13, M14, M15, M16,
M17, M18, M23, N11, N12, N13, N14,
N15, N16, N17, N18, P6, P11, P12,
P13, P14, P15, P16, P17, P18, P24,
R5, R11, R12, R13, R14, R15, R16,
R17, R18, R23, T11, T12, T13, T14,
T15, T16, T17, T18, U6, U11, U12,
U13, U14, U15, U16, U17, U18, V12,
V13, V14, V15, V16, V17, V23, V25,
W4, Y6, AA23, AB24, AC5, AC8,
AC11, AC14, AC17, AC20, AD9,
AD15, AD21, AE12, AE18, AF3, AF26
——
—
GVDD
U9, V9, W10, W19, Y11, Y12, Y14,
Y15, Y17, Y18, AA6, AB5, AC9, AC12,
AC15, AC18, AC21, AC24, AD6, AD8,
AD14, AD20, AE5, AE11, AE17, AG2,
AG27
Power for DDR
DRAM I/O
voltage
(2.5 V)
GVDD
—
Table 56. MPC8347EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com