Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8347ECVRAGFB Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRAGFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRAGFB Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRAGFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
10
Freescale Semiconductor
Power Characteristics
supplies are stable and if the I/O voltages are supplied before the core voltage, there may be a period of
time that all input and output pins will actively be driven and cause contention and excessive current from
3A to 5A. In order to avoid actively driving the I/O pins and to eliminate excessive current draw, apply the
core voltage (VDD) before the I/O voltage (GVDD, LVDD, and OVDD) and assert PORESET before the
power supplies fully ramp up. In the case where the core voltage is applied first, the core voltage supply
must rise to 90% of its nominal value before the I/O supplies reach 0.7 V, see Figure 4.
Figure 4. Power Sequencing Example
I/O voltage supplies (GVDD, LVDD, and OVDD) do not have any ordering requirements with respect to one
another.
3
Power Characteristics
The estimated typical power dissipation for the MPC8347EA device is shown in Table 4.
Table 4. MPC8347EA Power Dissipation1
Core
Frequency
(MHz)
CSB
Frequency
(MHz)
Typical at TJ = 65
Typical2
,3
Maximum4
Unit
PBGA
266
266
1.3
1.6
1.8
W
133
1.1
1.4
1.6
W
400
266
1.5
1.9
2.1
W
133
1.4
1.7
1.9
W
400
200
1.5
1.8
2.0
W
100
1.3
1.7
1.9
W
I/O Voltage (GVDD, LVDD, OVDD)
Core Voltage (VDD, AVDD)
90%
0.7 V
Time
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com