Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8347ECVRAGFB Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRAGFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRAGFB Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRAGFB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
36
Freescale Semiconductor
Local Bus
Figure 18 and Figure 19 provide the AC test load and signals for the USB, respectively.
Figure 18. USB AC Test Load
Figure 19. USB Signals
10 Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the
MPC8347EA.
10.1
Local Bus DC Electrical Characteristics
Table 37 provides the DC electrical characteristics for the local bus interface.
Table 37. Local Bus DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD +0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
IIN
—±5
μA
High-level output voltage, IOH = –100 μAVOH
OVDD –0.2
—
V
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Output Signals:
tUSKHOV
USB0_CLK/USB1_CLK/DR_CLK
Input Signals
tUSIXKH
tUSIVKH
tUSKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com