Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5601PEF0VLH4R Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0VLH4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLH4R Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLH4R Datasheet HTML 33Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 34Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 35Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 36Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 39Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 40Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
37
VSS_HV_ADC0
SR ADC_0 ground and low
reference voltage
—0
0
V
VDD_LV_REGCOR3,4 CC Internal supply voltage
—
—
—
V
VSS_LV_REGCOR3 SR Internal reference voltage
—
0
0
V
VDD_LV_CORx3,4
CC Internal supply voltage
—
—
—
V
VSS_LV_CORx3
SR Internal reference voltage
—
0
0
V
TA
SR Ambient temperature
under bias
—
40
125
°C
1 Full functionality cannot be guaranteed when voltage drops below 4.5 V. In particular, ADC electrical characteristics and
I/Os DC electrical specification may not be guaranteed.
2 The difference between each couple of voltage supplies must be less than 100 mV,
V
DD_HV_IOy –VDD_HV_IOx<100 mV.
3 To be connected to emitter of external NPN. Low voltage supplies are not under user control—they are produced by an
on-chip voltage regulator—but for the device to function properly the low voltage grounds (VSS_LV_xxx) must be shorted
to high voltage grounds (VSS_HV_xxx) and the low voltage supply pins (VDD_LV_xxx) must be connected to the external
ballast emitter.
4 The low voltage supplies (VDD_LV_xxx) are not all independent.
– VDD_LV_COR1 and VDD_LV_COR2 are shorted internally via double bonding connections with lines that provide the low
voltage supply to the data flash memory module. Similarly, VSS_LV_COR1 and VSS_LV_COR2 are internally shorted.
– VDD_LV_REGCOR and VDD_LV_RECORx are physically shorted internally, as are VSS_LV_REGCOR and VSS_LV_CORx.
Table 9. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max1
VSS
SR Device ground
—
0
0
V
VDD_HV_IOx2
SR 3.3 V input/output supply
voltage
—3.0
3.6
V
VSS_HV_IOx
SR Input/output ground
voltage
—0
0
V
VDD_HV_OSC
SR 3.3 V crystal oscillator
amplifier supply voltage
—3.0
3.6
V
Relative to
VDD_HV_IOx
VDD_HV_IOx –0.1 VDD_HV_IOx +0.1
VSS_HV_OSC
SR 3.3 V crystal oscillator
amplifier reference voltage
—0
0
V
VDD_HV_REG
SR 3.3 V voltage regulator
supply voltage
—3.0
3.6
V
Relative to
VDD_HV_IOx
VDD_HV_IOx –0.1 VDD_HV_IOx +0.1
VDD_HV_ADC0
SR 3.3 V ADC_0 supply and
high reference voltage
—3.0
5.5
V
Relative to
VDD_HV_REG
VDD_HV_REG  0.1
5.5
Table 8. Recommended operating conditions (5.0 V) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com