Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5601PEF0VLH4R Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0VLH4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLH4R Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLH4R Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
17
•
Counters can share available input pins
•
Count once or repeatedly
•
Pins available as GPIO when timer functionality not in use
1.5.26
Analog-to-digital converter (ADC) module
The ADC module provides the following features:
Analog part:
•
1 on-chip analog-to-digital converter
— 10-bit AD resolution
— 1 sample and hold unit
— Conversion time, including sampling time, less than 1 µs (at full precision)
— Typical sampling time is 150 ns minimum (at full precision)
— DNL/INL ±1 LSB
—TUE < 1.5 LSB
— Single-ended input signal up to 3.3 V/5.0 V
— 3.3 V/5.0 V input reference voltage
— ADC and its reference can be supplied with a voltage independent from VDDIO
— ADC supply can be equal or higher than VDDIO
— ADC supply and ADC reference are not independent from each other (both internally bonded to same pad)
— Sample times of 2 (default), 8, 64 or 128 ADC clock cycles
Digital part:
•
16 input channels
•
4 analog watchdogs comparing ADC results against predefined levels (low, high, range) before results are stored in
the appropriate ADC result location
•
2 modes of operation: Motor Control mode or Regular mode
•
Regular mode features
— Register based interface with the CPU: control register, status register and 1 result register per channel
— ADC state machine managing 3 request flows: regular command, hardware injected command and software
injected command
— Selectable priority between software and hardware injected commands
— DMA compatible interface
•
CTU-controlled mode features
— Triggered mode only
— 4 independent result queues (1×16 entries, 2×8 entries, 1×4 entries)
— Result alignment circuitry (left justified and right justified)
— 32-bit read mode allows to have channel ID on one of the 16-bit part
— DMA compatible interfaces
1.5.27
Cross triggering unit (CTU)
The cross triggering unit allows automatic generation of ADC conversion requests on user selected conditions without CPU
load during the PWM period and with minimized CPU load for dynamic configuration.
It implements the following features:
•
Double buffered trigger generation unit with up to 8 independent triggers generated from external triggers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com