Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5601PEF0VLH4R Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0VLH4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLH4R Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLH4R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
14
•
Programmable transmit-first scheme: lowest ID or lowest buffer number
•
Time stamp based on 16-bit free-running timer
•
Global network time, synchronized by a specific message
•
Maskable interrupts
•
Independent of the transmission medium (an external transceiver is assumed)
•
High immunity to EMI
•
Short latency time due to an arbitration scheme for high-priority messages
•
Transmit features
— Supports configuration of multiple mailboxes to form message queues of scalable depth
— Arbitration scheme according to message ID or message buffer number
— Internal arbitration to guarantee no inner or outer priority inversion
— Transmit abort procedure and notification
•
Receive features
— Individual programmable filters for each mailbox
— 8 mailboxes configurable as a 6-entry receive FIFO
— 8 programmable acceptance filters for receive FIFO
•
Programmable clock source
— System clock
— Direct oscillator clock to avoid PLL jitter
1.5.21
Safety port (FlexCAN)
The MPC5602P MCU has a second CAN controller synthesized to run at high bit rates to be used as a safety port. The CAN
module of the safety port provides the following features:
•
Identical to the FlexCAN module
•
Bit rate up to 8 Mbit/s at 64 MHz CPU clock using direct connection between CAN modules (no physical transceiver
required)
•
32 message buffers of up to 8-bytes data length
•
Can be used as a second independent CAN module
1.5.22
Serial communication interface module (LINFlex)
The LINFlex (local interconnect network flexible) on the MPC5602P features the following:
•
Supports LIN Master mode (both instances), LIN Slave mode (only one instance) and UART mode
•
LIN state machine compliant to LIN1.3, 2.0 and 2.1 specifications
•
Handles LIN frame transmission and reception without CPU intervention
•
LIN features
— Autonomous LIN frame handling
— Message buffer to store Identifier and up to 8 data bytes
— Supports message length of up to 64 bytes
— Detection and flagging of LIN errors (sync field, delimiter, ID parity, bit framing, checksum, and time-out)
— Classic or extended checksum calculation
— Configurable Break duration of up to 36-bit times
— Programmable baud rate prescalers (13-bit mantissa, 4-bit fractional)
— Diagnostic features: Loop back; Self Test; LIN bus stuck dominant detection
— Interrupt-driven operation with 16 interrupt sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com