Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5601PEF0VLH4R Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0VLH4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLH4R Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLH4R Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
62
3.14.2
ADC conversion characteristics
Table 28. ADC conversion characteristics
Symbol
C
Parameter
Conditions1
1 VDD = 3.3 V to 3.6 V / 4.5 V to 5.5 V, TA = 40 °C to TA MAX, unless otherwise specified and analog input voltage
from VSS_HV_ADC0 to VDD_HV_ADC0.
Value
Unit
Min
Typ
Max
fCK
SR — ADC clock frequency (depends on
ADC configuration)
(The duty cycle depends on ADC
clock2 frequency)
2 AD_clk clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
—33
3 When configured to allow 60 MHz ADC, the minimum ADC clock speed is 9 MHz, below which the precision is lost.
—60
MHz
fs
SR — Sampling frequency
—
—
—
1.53 MHz
ts
— D Sampling time4
4 During the sampling time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within ts. After the end of
the sampling time ts, changes of the analog input voltage have no effect on the conversion result. Values for the
sample clock ts depend on programming.
fADC = 20 MHz, INPSAMP = 3
125
—
—
ns
fADC = 9 MHz, INPSAMP = 255
—
—
28.2
µs
tc
— P Conversion time5
5 This parameter includes the sampling time ts.
fADC = 20 MHz6, INPCMP = 1
0.650
—
—
µs
tADC_PU SR — ADC power-up delay (time needed for
ADC to settle exiting from software
power down; PWDN bit = 0)
——
—
1.5
µs
CS7
— D ADC input sampling capacitance
—
—
—
2.5
pF
CP17
— D ADC input pin capacitance 1
—
—
—
3
pF
CP27
— D ADC input pin capacitance 2
—
—
—
1
pF
RSW17 — D Internal resistance of analog source VDD_HV_ADC0 = 5 V ± 10%
—
—
0.6
k
VDD_HV_ADC0 = 3.3 V ± 10%
—
—
3
k
RAD7
— D Internal resistance of analog source
—
—
—
2
k
IINJ
— T Input current injection
Current injection on one ADC
input, different from the
converted one. Remains
within TUE specification
5—
5
mA
INL
CC P Integral non-linearity
No overload
1.5
—
1.5
LSB
DNL
CC P Differential non-linearity
No overload
1.0
—
1.0
LSB
EO
CC T Offset error
—
—
±1
—
LSB
EG
CC T Gain error
—
—
±1
—
LSB
TUE
CC P Total unadjusted error without current
injection
—
2.5
—
2.5
LSB
TUE
CC T Total unadjusted error with current
injection
—
3—
3
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com