Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021D Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
17
3638M–DFLASH–5/2013
AT45DB021D
8.2
Security Register
The device contains a specialized Security Register that can be used for purposes such as unique device
serialization or locked key storage. The register is comprised of a total of 128-bytes that is divided into two
portions. The first 64-bytes (byte locations 0 through 63) of the Security Register are allocated as a one-time user
programmable space. Once these 64-bytes have been programmed, they cannot be reprogrammed. The
remaining 64-bytes of the register (byte locations 64 through 127) are factory programmed by Adesto and will
contain a unique value for each device. The factory programmed data is fixed and cannot be changed.
Table 8-5.
Security Register
8.2.1
Programming the Security Register
The user programmable portion of the Security Register does not need to be erased before it is programmed.
To program the Security Register, the CS pin must first be asserted and the appropriate 4-byte opcode sequence
must be clocked into the device in the correct order. The 4-byte opcode sequence must start with 9BH and be
followed by 00H, 00H, and 00H. After the last bit of the opcode sequence has been clocked into the device, the
data for the contents of the 64-byte user programmable portion of the Security Register must be clocked in.
After the last data byte has been clocked in, the CS pin must be deasserted to initiate the internally self-timed
program cycle. The programming of the Security Register should take place in a time of tP, during which time the
Status Register will indicate that the device is busy. If the device is powered-down during the program cycle, then
the contents of the 64-byte user programmable portion of the Security Register cannot be guaranteed.
If the full 64-bytes of data is not clocked in before the CS pin is deasserted, then the values of the byte locations
not clocked in cannot be guaranteed. For example, if only the first two bytes are clocked in instead of the complete
64 bytes, then the remaining 62-bytes of the user programmable portion of the Security Register cannot be
guaranteed. Furthermore, if more than 64-bytes of data is clocked into the device, then the data will wrap back
around to the beginning of the register. For instance, if 65-bytes of data are clocked in, then the 65th byte will be
stored at byte location 0 of the Security Register.
The user programmable portion of the Security Register can only be programmed one time. Therefore, it is
not possible to only program the first two bytes of the register and then program the remaining 62-bytes at a later
time.
The Program Security Register command utilizes the internal SRAM buffer for processing. Therefore, the contents
of the buffer will be altered from its previous state when this command is issued.
Figure 8-3.
Program Security Register
Security Register Byte Number
0
1
· · ·
62
63
64
65
· · ·
126
127
Data Type
One-time User Programmable
Factory Programmed By Adesto
Data Byte
n
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
Data Byte
n + 1
Data Byte
n + 63
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com