Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021D Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AT45DB021D
Description  2-megabit 2.7V Minimum DataFlash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB021D_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
18
3638M–DFLASH–5/2013
AT45DB021D
8.2.2
Reading the Security Register
The Security Register can be read by first asserting the CS pin and then clocking in an opcode of 77H followed by
three dummy bytes. After the last don’t care bit has been clocked in, the content of the Security Register can be
clocked out on the SO pins. After the last byte of the Security Register has been read, additional pulses on the
SCK pin will simply result in undefined data being output on the SO pins.
Deasserting the CS pin will terminate the Read Security Register operation and put the SO pins into a high-
impedance state.
Figure 8-4.
Read Security Register
9.
Additional Commands
9.1
Main Memory Page to Buffer Transfer
A page of data can be transferred from the main memory to the buffer. To start the operation for the DataFlash
standard page size (264-bytes), a 1-byte opcode, 53H, must be clocked into the device, followed by three address
bytes comprised of five don’t care bits, 10 page address bits (PA9 - PA0), which specify the page in main memory
that is to be transferred, and 9 don’t care bits. To perform a main memory page to buffer transfer for the binary
page size (256-bytes), the opcode 53H must be clocked into the device followed by three address bytes consisting
of six don’t care bits, 10 page address bits (A17 - A8) which specify the page in the main memory that is to be
transferred, and eight don’t care bits. The CS pin must be low while toggling the SCK pin to load the opcode and
the address bytes from the input pin (SI). The transfer of the page of data from the main memory to the buffer will
begin when the CS pin transitions from a low to a high state. During the transfer of a page of data (tXFR), the status
register can be monitored to determine whether the transfer has been completed.
9.2
Main Memory Page to Buffer Compare
A page of data in main memory can be compared to the data in the buffer. To initiate the operation for the
DataFlash standard page size, a 1-byte opcode, 60H, must be clocked into the device, followed by three address
bytes consisting of five don’t care bits, 10 page address bits (PA9 - PA0) that specify the page in the main memory
that is to be compared to the buffer, and nine don’t care bits. To start a main memory page to buffer compare for a
binary page size, the opcode 60H must be clocked into the device followed by three address bytes consisting of six
don’t care bits, ten page address bits (A17 - A8) that specify the page in the main memory that is to be compared
to the buffer, and eight don’t care bits. The CS pin must be low while toggling the SCK pin to load the opcode and
the address bytes from the input pin (SI). On the low-to-high transition of the CS pin, the data bytes in the selected
main memory page will be compared with the data bytes in the buffer. During this time (tCOMP), the status register
will indicate that the part is busy. On completion of the compare operation, bit 6 of the status register is updated
with the result of the compare.
9.3
Auto Page Rewrite
This mode is only needed if multiple bytes within a page or multiple pages of data are modified in a random fashion
within a sector. This mode is a combination of two operations: Main Memory Page to Buffer Transfer and Buffer to
Opcode
X
X
X
Data Byte
n
Data Byte
n + 1
CS
Data Byte
n + x
Each transition
represents 8 bits
SI
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com