Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

54C164245 Datasheet(PDF) 12 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 8Page - STMicroelectronics 54C164245 Datasheet HTML 9Page - STMicroelectronics 54C164245 Datasheet HTML 10Page - STMicroelectronics 54C164245 Datasheet HTML 11Page - STMicroelectronics 54C164245 Datasheet HTML 12Page - STMicroelectronics 54C164245 Datasheet HTML 13Page - STMicroelectronics 54C164245 Datasheet HTML 14Page - STMicroelectronics 54C164245 Datasheet HTML 15Page - STMicroelectronics 54C164245 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Electrical characteristics
54AC164245
12/23
DocID18093 Rev 4
PD (3) (4)
(5)
Power dissipation, port A,
CL = 50 pF per switching output
3.3 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.6 V
1.5
mW/
MHz
5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
2.0
Power dissipation, port B,
CL = 50 pF per switching output
3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.6 V
1.5
5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.6 V
2.0
IDDQ
Quiescent supply current port
A, VI = VDD2 or VSS
5 V
VDD1 = 5.5 V
VDD2 = 5.5 V
at 25°C
10
µA
VDD1 = 5.5 V
VDD2 = 5.5 V
at -55 to 125 °C
100
Quiescent supply current port
B, VI = VDD1 or VSS
5 V
VDD1 = 5.5 V
VDD2 = 5.5 V
at 25 °C
10
VDD1 = 5.5 V
VDD2 = 5.5 V
at -55 to 125 °C
100
CI
Input capacitance
f = 1 MHz VDD1 = VDD2 = 0 V
15
pF
CO
Output capacitance
f = 1 MHz VDD1 = VDD2 = 0 V
(6)
Functional test VIH = 0.7 VDD,
VIL = 0.3 VDD
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.6 V
L
H
1. This device requires both VDD1 and VDD2 power supplies for operation. The power supply is indicated and followed by the
voltage to which the power supply is set to the given test.
2. This parameter is supplied as a design limit but not guaranteed or tested.
3. No more than one output should be shorted at a time for a maximum duration of one second.
4. Power does not include power contribution of any CMOS output sink current.
5. Power dissipation specified per switching output.
6. Tests must be performed in sequence and include attribute data only. Functional tests should include the truth table and
other logic patterns used for fault detection. The test vectors used to verify the truth table must, at minimum, test all the
functions of each input and output. All possible input to output logic patterns per function should be guaranteed, if not
tested, to the function table, Table 2. Functional tests are performed in sequence as approved by the qualifying activity on
qualified devices. Functional tests are conducted in accordance with MIL-STD-883 with the following input test conditions:
VIH = VIH(min + 20%, -0%); VIL = VIL(max + 0%, -50%), as specified herein, for TTL, CMOS, or Schmitt compatible inputs.
Devices are guaranteed to VIH(min) and VIL(max).
Table 6. DC specifications (continued)
Symbol
Parameter
Port
voltage
Test condition (VDD) (1)
Limits
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com