Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

54C164245 Datasheet(PDF) 20 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 15Page - STMicroelectronics 54C164245 Datasheet HTML 16Page - STMicroelectronics 54C164245 Datasheet HTML 17Page - STMicroelectronics 54C164245 Datasheet HTML 18Page - STMicroelectronics 54C164245 Datasheet HTML 19Page - STMicroelectronics 54C164245 Datasheet HTML 20Page - STMicroelectronics 54C164245 Datasheet HTML 21Page - STMicroelectronics 54C164245 Datasheet HTML 22Page - STMicroelectronics 54C164245 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Package information
54AC164245
20/23
DocID18093 Rev 4
6.1
Ceramic Flat-48 package information
Figure 8. Ceramic Flat-48 package mechanical drawing
1. The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the package.
Connecting any unused pins or the metal lid to ground or to the power supply will not affect the electrical
characteristics.
Table 9. Ceramic Flat-48 package mechanical data
Dim
mm
inches
Typ
Min
Max
Typ
Min
Max
A
2.47
2.18
2.72
0.097
0.086
0.107
b
0.254
0.20
0.30
0.010
0.008
0.012
c
0.15
0.12
0.18
0.006
0.005
0.007
D
15.75
15.57
15.92
0.620
0.613
0.627
E
9.65
9.52
9.78
0.380
0.375
0.385
E2
6.35
6.22
6.48
0.250
0.245
0.255
E3
1.65
1.52
1.78
0.065
0.060
0.070
e
0.635
0.025
f0.20
0.008
L
8.38
6.85
9.40
0.330
0.270
0.370
Q
0.79
0.66
0.92
0.031
0.026
0.036
S1
0.43
0.25
0.61
0.017
0.010
0.024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com