Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

54C164245 Datasheet(PDF) 15 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 11Page - STMicroelectronics 54C164245 Datasheet HTML 12Page - STMicroelectronics 54C164245 Datasheet HTML 13Page - STMicroelectronics 54C164245 Datasheet HTML 14Page - STMicroelectronics 54C164245 Datasheet HTML 15Page - STMicroelectronics 54C164245 Datasheet HTML 16Page - STMicroelectronics 54C164245 Datasheet HTML 17Page - STMicroelectronics 54C164245 Datasheet HTML 18Page - STMicroelectronics 54C164245 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
DocID18093 Rev 4
15/23
54AC164245
Radiations
23
4
Radiations
Total dose (Mil1019 dose rate): all parameters are post-irradiation guaranteed by wafer-lot
acceptance (after dose, all guaranteed electrical parameters are tested on a sample of units
of each wafer lot).
All parameters provided in Table 6 and Table 7 apply to both pre- and post-irradiation. The
54AC164245 is a pure CMOS product. Irradiation is performed at high dose rates.
Heavy ions: the behavior of the product when submitted to heavy ions is guaranteed by
qualification and is not tested in production. Heavy-ion trials are performed on qualification
lots only.
Table 8. Radiations
Type
Features
Value
Unit
TID
Total Ionizing dose
High dose rate (50 - 300 rad/sec) up to:
100
k rad
Heavy ions
SEL immune (at 125 °C) up to:
110
MeV.cm²/mg
SEU immune up to:
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com