Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

54C164245 Datasheet(PDF) 16 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 12Page - STMicroelectronics 54C164245 Datasheet HTML 13Page - STMicroelectronics 54C164245 Datasheet HTML 14Page - STMicroelectronics 54C164245 Datasheet HTML 15Page - STMicroelectronics 54C164245 Datasheet HTML 16Page - STMicroelectronics 54C164245 Datasheet HTML 17Page - STMicroelectronics 54C164245 Datasheet HTML 18Page - STMicroelectronics 54C164245 Datasheet HTML 19Page - STMicroelectronics 54C164245 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Test circuit
54AC164245
16/23
DocID18093 Rev 4
5
Test circuit
Figure 3. Test circuit
1. CL = 50 pF or equivalent (includes jig and probe capacitance), RT = ZOUT of pulse generator (typically
50
Ω ), VREF = 0.5 VDD. ISRC is set to -1.0 mA and ISNK is set to 1.0 mA for tPHL and tPLH measurements.
Input signal from pulse generator: VI = 0.0 V to VDD; f = 10 MHz; tr = 1.0 V/ns "0.3 V/ns; tf = 1.0 V/ns "0.3
V/ns; tr and tf are measured from 0.1 VDD to 0.9 VDD and from 0.9 VDD to 0.1 VDD respectively.
Figure 4. Waveform 1: propagation delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com