Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPF8282A Datasheet(PDF) 31 Page - Altera Corporation

Part # EPF8282A
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282A Datasheet(HTML) 31 Page - Altera Corporation

Back Button EPF8282A Datasheet HTML 27Page - Altera Corporation EPF8282A Datasheet HTML 28Page - Altera Corporation EPF8282A Datasheet HTML 29Page - Altera Corporation EPF8282A Datasheet HTML 30Page - Altera Corporation EPF8282A Datasheet HTML 31Page - Altera Corporation EPF8282A Datasheet HTML 32Page - Altera Corporation EPF8282A Datasheet HTML 33Page - Altera Corporation EPF8282A Datasheet HTML 34Page - Altera Corporation EPF8282A Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Altera Corporation
31
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Figure 16. Output Drive Characteristics of 5.0-V FLEX 8000 Devices (Except EPF8282A)
Figure 17 shows the typical output drive characteristics of 5.0-V
EPF8282A devices. The output driver is compliant with PCI Local Bus
Specification, Revision 2.2
.
Figure 17. Output Drive Characteristics of EPF8282A Devices with 5.0-V VCCIO
Figure 18 shows the typical output drive characteristics of EPF8282AV
devices.
12
3
4
50
100
150
200
IOL
IOH
Output Voltage (V)
12345
50
100
150
200
IOL
IOH
Output Voltage (V)
V
CCINT = 5.0 V
V
CCIO = 3.3 V
Room Temperature
V
CCINT = 5.0 V
V
CCIO = 5.0 V
Room Temperature
Typical IO
Output
Current (mA)
Typical IO
Output
Current (mA)
12345
30
60
90
150
120
V
CC = 5.0 V
IOL
IOH
Room Temperature
Output Voltage (V)
Typical IO
Output
Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com