Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPF8282A Datasheet(PDF) 34 Page - Altera Corporation

Part # EPF8282A
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282A Datasheet(HTML) 34 Page - Altera Corporation

Back Button EPF8282A Datasheet HTML 30Page - Altera Corporation EPF8282A Datasheet HTML 31Page - Altera Corporation EPF8282A Datasheet HTML 32Page - Altera Corporation EPF8282A Datasheet HTML 33Page - Altera Corporation EPF8282A Datasheet HTML 34Page - Altera Corporation EPF8282A Datasheet HTML 35Page - Altera Corporation EPF8282A Datasheet HTML 36Page - Altera Corporation EPF8282A Datasheet HTML 37Page - Altera Corporation EPF8282A Datasheet HTML 38Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
34
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
Internal timing parameters cannot be measured explicitly. They are worst-case delays based on testable and
external parameters specified by Altera. Internal timing parameters should be used for estimating device
performance. Post-compilation timing simulation or timing analysis is required to determine actual worst-case
performance.
(2)
These values are specified in Table 10 on page 28 or Table 14 on page 29.
(3)
For the tOD3 and tZX3 parameters, VCCIO = 3.3 V or 5.0 V.
(4)
The tROW and tDIN_D delays are worst-case values for typical applications. Post-compilation timing simulation or
timing analysis is required to determine actual worst-case performance.
(5)
External reference timing characteristics are factory-tested, worst-case values specified by Altera. A representative
subset of signal paths is tested to approximate typical device applications.
(6)
For more information on test conditions, see Application Note 76 (Understanding FLEX 8000 Timing).
(7)
This parameter is a guideline that is sample-tested only and is based on extensive device characterization. This
parameter applies to global and non-global clocking, and for LE and I/O element registers.
The FLEX 8000 timing model shows the delays for various paths and
functions in the circuit. See Figure 19. This model contains three distinct
parts: the LE; the IOE; and the interconnect, including the row and column
FastTrack Interconnect, LAB local interconnect, and carry and cascade
interconnect paths. Each parameter shown in Figure 19 is expressed as a
worst-case value in Tables 22 through 49. Hand-calculations that use the
FLEX 8000 timing model and these timing parameters can be used to
estimate FLEX 8000 device performance. Timing simulation or timing
analysis after compilation is required to determine the final worst-case
performance. Table 21 summarizes the interconnect paths shown in
Figure 19.
f For more information on timing parameters, go to Application Note 76
(Understanding FLEX 8000 Timing).
Table 19. FLEX 8000 Interconnect Timing Parameters
Note (1)
Symbol
Parameter
tLABCASC
Cascade delay between LEs in different LABs
tLABCARRY
Carry delay between LEs in different LABs
tLOCAL
LAB local interconnect delay
tROW
Row interconnect routing delay (4)
tCOL
Column interconnect routing delay
tDIN_C
Dedicated input to LE control delay
tDIN_D
Dedicated input to LE data delay (4)
tDIN_IO
Dedicated input to IOE control delay
Table 20. FLEX 8000 External Reference Timing Characteristics
Note (5)
Symbol
Parameter
tDRR
Register-to-register delay via 4 LEs, 3 row interconnects, and 4 local interconnects (6)
tODH
Output data hold time after clock (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com