Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPF8282A Datasheet(PDF) 41 Page - Altera Corporation

Part # EPF8282A
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282A Datasheet(HTML) 41 Page - Altera Corporation

Back Button EPF8282A Datasheet HTML 37Page - Altera Corporation EPF8282A Datasheet HTML 38Page - Altera Corporation EPF8282A Datasheet HTML 39Page - Altera Corporation EPF8282A Datasheet HTML 40Page - Altera Corporation EPF8282A Datasheet HTML 41Page - Altera Corporation EPF8282A Datasheet HTML 42Page - Altera Corporation EPF8282A Datasheet HTML 43Page - Altera Corporation EPF8282A Datasheet HTML 44Page - Altera Corporation EPF8282A Datasheet HTML 45Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
Altera Corporation
41
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Table 30. EPF8452A I/O Element Timing Parameters
Symbol
Speed Grade
Unit
A-2
A-3
A-4
Min
Max
Min
Max
Min
Max
tIOD
0.7
0.8
0.9
ns
tIOC
1.7
1.8
1.9
ns
tIOE
1.7
1.8
1.9
ns
tIOCO
1.0
1.0
1.0
ns
tIOCOMB
0.3
0.2
0.1
ns
tIOSU
1.4
1.6
1.8
ns
tIOH
0.0
0.0
0.0
ns
tIOCLR
1.2
1.2
1.2
ns
tIN
1.5
1.6
1.7
ns
tOD1
1.1
1.4
1.7
ns
tOD2
––
–
ns
tOD3
4.6
4.9
5.2
ns
tXZ
1.4
1.6
1.8
ns
tZX1
1.4
1.6
1.8
ns
tZX2
––
–
ns
tZX3
4.9
5.1
5.3
ns
Table 31. EPF8452A Interconnect Timing Parameters
Symbol
Speed Grade
Unit
A-2
A-3
A-4
Min
Max
Min
Max
Min
Max
tLABCASC
0.3
0.4
0.4
ns
tLABCARRY
0.3
0.4
0.4
ns
tLOCAL
0.5
0.5
0.7
ns
tROW
5.0
5.0
5.0
ns
tCOL
3.0
3.0
3.0
ns
tDIN_C
5.0
5.0
5.5
ns
tDIN_D
7.0
7.0
7.5
ns
tDIN_IO
5.0
5.0
5.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com