Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPF8282A Datasheet(PDF) 36 Page - Altera Corporation

Part # EPF8282A
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282A Datasheet(HTML) 36 Page - Altera Corporation

Back Button EPF8282A Datasheet HTML 32Page - Altera Corporation EPF8282A Datasheet HTML 33Page - Altera Corporation EPF8282A Datasheet HTML 34Page - Altera Corporation EPF8282A Datasheet HTML 35Page - Altera Corporation EPF8282A Datasheet HTML 36Page - Altera Corporation EPF8282A Datasheet HTML 37Page - Altera Corporation EPF8282A Datasheet HTML 38Page - Altera Corporation EPF8282A Datasheet HTML 39Page - Altera Corporation EPF8282A Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
36
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Tables 22 through 49 show the FLEX 8000 internal and external timing
parameters.
Table 21. FLEX 8000 Timing Model Interconnect Paths
Source
Destination
Total Delay
LE-Out
LE in same LAB
t LOCAL
LE-Out
LE in same row, different LAB
t ROW + tLOCAL
LE-Out
LE in different row
t COL + tROW + tLOCAL
LE-Out
IOE on column
t COL
LE-Out
IOE on row
t ROW
IOE on row
LE in same row
t ROW + tLOCAL
IOE on column
Any LE
t COL + tROW + tLOCAL
Table 22. EPF8282A Internal I/O Element Timing Parameters
Symbol
Speed Grade
Unit
A-2
A-3
A-4
Min
Max
Min
Max
Min
Max
tIOD
0.7
0.8
0.9
ns
tIOC
1.7
1.8
1.9
ns
tIOE
1.7
1.8
1.9
ns
tIOCO
1.0
1.0
1.0
ns
tIOCOMB
0.3
0.2
0.1
ns
tIOSU
1.4
1.6
1.8
ns
tIOH
0.0
0.0
0.0
ns
tIOCLR
1.2
1.2
1.2
ns
tIN
1.5
1.6
1.7
ns
tOD1
1.1
1.4
1.7
ns
tOD2
––
–
ns
tOD3
4.6
4.9
5.2
ns
tXZ
1.4
1.6
1.8
ns
tZX1
1.4
1.6
1.8
ns
tZX2
––
–
ns
tZX3
4.9
5.1
5.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com