Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMPC8315CVRAGDA Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 37Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 38Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 39Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 40Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 41Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 42Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 43Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 44Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
41
Local Bus
This table provides the USB clock input (USB_CLK_IN) AC timing specifications.
11 Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the
MPC8315E.
11.1 Local Bus DC Electrical Characteristics
This table provides the DC electrical characteristics for the local bus interface.
11.2 Local Bus AC Electrical Specifications
This table describes the general timing parameters of the local bus interface of the MPC8315E.
Table 41. USB_CLK_IN DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Input high voltage
VIH
2.7
NVDD +0.3
V
Input low voltage
VIL
–0.3
0.4
V
Table 42. USB_CLK_IN AC Timing Specifications
Parameter/Condition
Conditions
Symbol
Min
Typical
Max
Unit
Frequency range
fUSB_CLK_IN
—24
MHz
Clock frequency tolerance
tCLK_TOL
–0.005
0
0.005
%
Reference clock duty cycle
Measured at 1.6 V
tCLK_DUTY
40
50
60
%
Total input jitter/Time interval
error
Peak to peak value measured with a second
order high-pass filter of 500 KHz bandwidth
tCLK_PJ
——
200
ps
Table 43. DC Electrical Characteristics (when Operating at 3.3 V)
Parameter
Symbol
Min
Max
Unit
Output high voltage (NVDD = min, IOH = –2 mA)
VOH
NVDD – 0.2
V
Output low voltage (NVDD = min, IOL = 2 mA)
VOL
—0.2
V
Input high voltage
VIH
2NVDD + 0.3
V
Input low voltage
VIL
–0.3
0.8
V
Input high current (VIN = 0 V or VIN = NVDD)
IIN
—±5
A
Table 44. Local Bus General Timing Parameters
Parameter
Symbol 1
Min
Max
Unit
Note
Local bus cycle time
tLBK
15
ns
2
Input setup to local bus clock
tLBIVKH
7
ns
3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com