Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMPC8315CVRAGDA Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 12Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 13Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 14Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 15Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 16Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 17Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 18Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 19Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
16
Freescale Semiconductor
Clock Input Timing
5.1
DC Electrical Characteristics
This table provides the clock input (SYS_CLK_IN/PCI_SYNC_IN) DC timing specifications for the
MPC8315E.
5.2
AC Electrical Characteristics
The primary clock source for the MPC8315E can be one of two inputs, SYS_CLK_IN or PCI_CLK,
depending on whether the device is configured in PCI host or PCI agent mode. This table provides the
clock input (SYS_CLK_IN/PCI_CLK) AC timing specifications for the MPC8315E.
Table 6. SYS_CLK_IN DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
VIH
2.4
NVDD + 0.3
V
Input low voltage
VIL
-0.3
0.4
V
SYS_CLK_IN input current
0 V
V
IN NVDD
IIN
—±10
A
SYS_XTAL_IN input current
0 V
V
IN NVDD
IIN
—±40
A
PCI_SYNC_IN input current
0 V
V
IN NVDD
IIN
—±10
A
RTC_CLK input current
0 V
V
IN NVDD
IIN
—±10
A
USB_CLK_IN input current
0 V
 V
IN  NVDD
IIN
—±10
A
USB_XTAL_IN input current
0 V
V
IN NVDD
IIN
—±40
A
SATA_CLK_IN input current
0 V
V
IN NVDD
IIN
—±10
A
Table 7. SYS_CLK_IN AC Timing Specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Note
SYS_CLK_IN/PCI_CLK frequency
fSYS_CLK_IN
24
66.67
MHz
1, 6, 7
SYS_CLK_IN/PCI_CLK cycle time
tSYS_CLK_IN
15
41.6
ns
6
SYS_CLK_IN rise and fall time
tKH, tKL
0.6
4
ns
2, 6
PCI_CLK rise and fall time
tPCH, tPCL
0.6
0.8
1.2
ns
2
SYS_CLK_IN/PCI_CLK duty cycle
tKHK/tSYS_CLK_IN
40
60
%
3, 6
SYS_CLK_IN/PCI_CLK jitter
±150
ps
4, 5, 6
Note:
1. Caution: The system, core, and security block must not exceed their respective maximum or minimum operating
frequencies.
2. Rise and fall times for SYS_CLK_IN/PCI_CLK are specified at 20% to 80% of signal swing.
3. Timing is guaranteed by design and characterization.
4. This represents the total input jitter—short term and long term—and is guaranteed by design.
5. The SYS_CLK_IN/PCI_CLK driver’s closed loop jitter bandwidth should be <500 kHz at –20 dB. The bandwidth must be set
low to allow cascade-connected PLL-based devices to track SYS_CLK_IN drivers with the specified jitter.
6. The parameter names PCI_CLK and PCI_SYNC_IN are used interchangeably in this document.
7. Spread spectrum is allowed up to 1% down-spread at 33kHz.(max. rate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com