Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMPC8315CVRAGDA Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 13Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 14Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 15Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 16Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 17Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 18Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 19Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 20Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
17
RESET Initialization
6
RESET Initialization
This section describes the DC and AC electrical specifications for the reset initialization timing and
electrical requirements of the MPC8315E.
6.1
RESET DC Electrical Characteristics
This table provides the DC electrical characteristics for the RESET pins of the MPC8315E.
6.2
RESET AC Electrical Characteristics
This table provides the reset initialization AC timing specifications of the MPC8315E.
Table 8. RESET Pins DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
2.0
NVDD + 0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
0 V
 V
IN NVDD
±5
A
Output high voltage
VOH
IOH = –8.0 mA
2.4
V
Output low voltage
VOL
IOL = 8.0 mA
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
0.4
V
Table 9. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Note
Required assertion time of HRESET to activate reset flow
32
tPCI_SYNC_IN
1
Required assertion time of PORESET with stable clock applied to SYS_CLK_IN
when the device is in PCI host mode
32
tSYS_CLK_IN
2
Required assertion time of PORESET with stable clock applied to PCI_SYNC_IN
when the device is in PCI agent mode
32
tPCI_SYNC_IN
1
HRESET assertion (output)
512
tPCI_SYNC_IN
1
Input setup time for POR configuration signals (CFG_RESET_SOURCE[0:3] and
CFG_SYS_CLKIN_DIV) with respect to negation of PORESET when the device is
in PCI host mode
4—
tSYS_CLK_IN
2, 4
Input setup time for POR configuration signals (CFG_RESET_SOURCE[0:3] and
CFG_SYS_CLKIN_DIV) with respect to negation of PORESET when the device is
in PCI agent mode
4—
tPCI_SYNC_IN
1
Input hold time for POR configuration signals with respect to negation of HRESET
0—
ns
Time for the device to turn off POR configuration signals with respect to the
assertion of HRESET
—4
ns
3
Time for the device to turn on POR config signals with respect to the negation of
HRESET
1—
tPCI_SYNC_IN
1, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com