Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V4NST7YRUL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # V4NST7YRUL
Description  Preferred Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V4NST7YRUL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  V4NST7YRUL Datasheet HTML 1Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 2Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 3Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
26
www.saia-switch.com
Saia microswitches
saia-switch@johnsonelectric.com
V4NS
Specifications
Housing
Flame-retardant glass-fibre reinforced nylon
Plunger
Polyacetal (POM)
Mechanism
Snap-action coil spring mechanism with stainless steel spring
Functions
Change-over, normally closed or normally open
Contacts
Silver
Terminals
Gold flashed
Temperature range ºC
–40°C to +85°C
Mechanical life
3 • 106 cycles minimum (impact free actuation)
Protection
IP67 enclosure, IP40 Flux proof terminal entries
Actuators
Plain lever, cam follower, Roller lever
Accessories
Insulating sheet - N04619, Clip-on terminal cover - TC102, Long overtravel actuator - QA4
Circuit diagram
Dimension
V4NS
V4N
COMMON
(RED)
NORMALLY
CLOSED
(YELLOW)
NORMALLY
OPEN
(BLUE)
Recommended maximum electrical ratings
Voltage
Resitive load
Motor load
Approval
(max)
(A)
(A)
V4NST7UL
250 VAC
5 (0,75 pf)
UL 1054/CSA 22,2 No. 55 - 6,000 operations - 65°C
250 VAC
5
2
EN61058-1, T85, 10,000 operations
0 - 15 VDC
5
3
General rating - 50,000 operations (85°C)
15 - 30 VDC
5
3
General rating - 50,000 operations (85°C)
V4NSUL
250 VAC
3 (0,75 pf)
UL 1054/CSA 22,2 No. 55 - 6,000 operations - 65°C
250 VAC
5
2
EN61058-1, T85, 10,000 operations
0 - 15 VDC
3
3
General rating - 50,000 operations (85°C)
15 - 30 VDC
3
3
General rating - 50,000 operations (85°C)
1
4
2
Ø2.30
0.50±0.025
5.08
Ø1.70
5.30
7.50
MAX 20.00
[0.79]
[0.21]
[0.43]
[0.30]
[0.10]
[0.40]
[0.20]
[0.02]
[0.375]
[0.10]
MOUNTING HOLE
[0.09]
MOUNTING HOLE
[0.12]
[0.07]
[0.09]
9.53±0.05
10.16
10.80
2.60
2.95
Ø2.30
5.16
MAX 20.00
7.50
10.80
5.30
[0.21]
[0.43]
[0.30]
9.53±0.05
[0.375]
[0.20]
[0.79]
Ø2.54±0.05
[0.09]
Ø2.25+0.1
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.09]
[0.25]
MIN 500
[19.7]
(NO) BLUE
(COM) RED
(NC) YELLOW
DIMENSIONS
V4N - STANDARD VERSION
DIMENSIONS
V4NS - SEALED VERSION
V4NC
DIMENSIONS
7.50
5.30
Ø2.54+0.5
0.50 (3x)
[0.20]
[0.09]
[0.30]
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.21]
[0.43]
[0.40]
[0.10]
[0.02]
[0.375]
[0.78]
[0.17]
[0.07]
1
4
2
10.80
5.16
19.85±0.15
Ø2.25+0.1
9.53±0.05
10.16
2.60
5.08
6.40
2.95
[0.25]
[0.12]
Ø1.70±0.05
[0.09]
Ø2.30
Ø4.40±0.05
(NC) BLUE
(COM) BLACK
(NO) GREY
K1
6.40
6.40
K2
6.40
K3
PREWIRED VERSION WITH CABLE BOX
FOR TYPE CODING KEY PLEASE CONTACT SAIA
STANDARD CABLE BOX IS K2
STANDARD CABLE FLRY 0.5mm WITH MAX. OUTSIDE DIAMETER 1.8mm
2
6.45
1
4
2
Ø2.30
0.50±0.025
5.08
Ø1.70
5.30
7.50
MAX 20.00
[0.79]
[0.21]
[0.43]
[0.30]
[0.10]
[0.40]
[0.20]
[0.02]
[0.375]
[0.10]
MOUNTING HOLE
[0.09]
MOUNTING HOLE
[0.12]
[0.07]
[0.09]
9.53±0.05
10.16
10.80
2.60
2.95
Ø2.30
5.16
MAX 20.00
7.50
10.80
5.30
[0.21]
[0.43]
[0.30]
9.53±0.05
[0.375]
[0.20]
[0.79]
Ø2.54±0.05
[0.09]
Ø2.25+0.1
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.09]
[0.25]
MIN 500
[19.7]
(NO) BLUE
(COM) RED
(NC) YELLOW
DIMENSIONS
V4N - STANDARD VERSION
DIMENSIONS
V4NS - SEALED VERSION
V4NC
DIMENSIONS
7.50
5.30
Ø2.54+0.5
0.50 (3x)
[0.20]
[0.09]
[0.30]
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.21]
[0.43]
[0.40]
[0.10]
[0.02]
[0.375]
[0.78]
[0.17]
[0.07]
1
4
2
10.80
5.16
19.85±0.15
Ø2.25+0.1
9.53±0.05
10.16
2.60
5.08
6.40
2.95
[0.25]
[0.12]
Ø1.70±0.05
[0.09]
Ø2.30
Ø4.40±0.05
(NC) BLUE
(COM) BLACK
(NO) GREY
K1
6.40
6.40
K2
6.40
K3
PREWIRED VERSION WITH CABLE BOX
FOR TYPE CODING KEY PLEASE CONTACT SAIA
STANDARD CABLE BOX IS K2
STANDARD CABLE FLRY 0.5mm WITH MAX. OUTSIDE DIAMETER 1.8mm
2
6.45
1
4
2
Ø2.30
0.50±0.025
5.08
Ø1.70
5.30
7.50
MAX 20.00
[0.79]
[0.21]
[0.43]
[0.30]
[0.10]
[0.40]
[0.20]
[0.02]
[0.375]
[0.10]
MOUNTING HOLE
[0.09]
MOUNTING HOLE
[0.12]
[0.07]
[0.09]
9.53±0.05
10.16
10.80
2.60
2.95
Ø2.30
5.16
MAX 20.00
7.50
10.80
5.30
[0.21]
[0.43]
[0.30]
9.53±0.05
[0.375]
[0.20]
[0.79]
Ø2.54±0.05
[0.09]
Ø2.25+0.1
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.09]
[0.25]
MIN 500
[19.7]
(NO) BLUE
(COM) RED
(NC) YELLOW
DIMENSIONS
V4N - STANDARD VERSION
DIMENSIONS
V4NS - SEALED VERSION
V4NC
DIMENSIONS
7.50
5.30
Ø2.54+0.5
0.50 (3x)
[0.20]
[0.09]
[0.30]
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.21]
[0.43]
[0.40]
[0.10]
[0.02]
[0.375]
[0.78]
[0.17]
[0.07]
1
4
2
10.80
5.16
19.85±0.15
Ø2.25+0.1
9.53±0.05
10.16
2.60
5.08
6.40
2.95
[0.25]
[0.12]
Ø1.70±0.05
[0.09]
Ø2.30
Ø4.40±0.05
(NC) BLUE
(COM) BLACK
(NO) GREY
K1
6.40
6.40
K2
6.40
K3
PREWIRED VERSION WITH CABLE BOX
FOR TYPE CODING KEY PLEASE CONTACT SAIA
STANDARD CABLE BOX IS K2
STANDARD CABLE FLRY 0.5mm WITH MAX. OUTSIDE DIAMETER 1.8mm
2
6.45
1
4
2
Ø2.30
0.50±0.025
5.08
Ø1.70
5.30
7.50
MAX 20.00
[0.79]
[0.21]
[0.43]
[0.30]
[0.10]
[0.40]
[0.20]
[0.02]
[0.375]
[0.10]
MOUNTING HOLE
[0.09]
MOUNTING HOLE
[0.12]
[0.07]
[0.09]
9.53±0.05
10.16
10.80
2.60
2.95
Ø2.30
5.16
MAX 20.00
7.50
10.80
5.30
[0.21]
[0.43]
[0.30]
9.53±0.05
[0.375]
[0.20]
[0.79]
Ø2.54±0.05
[0.09]
Ø2.25+0.1
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.09]
[0.25]
MIN 500
[19.7]
(NO) BLUE
(COM) RED
(NC) YELLOW
DIMENSIONS
V4N - STANDARD VERSION
DIMENSIONS
V4NS - SEALED VERSION
V4NC
DIMENSIONS
7.50
5.30
Ø2.54+0.5
0.50 (3x)
[0.20]
[0.09]
[0.30]
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.21]
[0.43]
[0.40]
[0.10]
[0.02]
[0.375]
[0.78]
[0.17]
[0.07]
1
4
2
10.80
5.16
19.85±0.15
Ø2.25+0.1
9.53±0.05
10.16
2.60
5.08
6.40
2.95
[0.25]
[0.12]
Ø1.70±0.05
[0.09]
Ø2.30
Ø4.40±0.05
(NC) BLUE
(COM) BLACK
(NO) GREY
K1
6.40
6.40
K2
6.40
K3
PREWIRED VERSION WITH CABLE BOX
FOR TYPE CODING KEY PLEASE CONTACT SAIA
STANDARD CABLE BOX IS K2
STANDARD CABLE FLRY 0.5mm WITH MAX. OUTSIDE DIAMETER 1.8mm
2
6.45
1
4
2
Ø2.30
0.50±0.025
5.08
Ø1.70
5.30
7.50
MAX 20.00
[0.79]
[0.21]
[0.43]
[0.30]
[0.10]
[0.40]
[0.20]
[0.02]
[0.375]
[0.10]
MOUNTING HOLE
[0.09]
MOUNTING HOLE
[0.12]
[0.07]
[0.09]
9.53±0.05
10.16
10.80
2.60
2.95
Ø2.30
5.16
MAX 20.00
7.50
10.80
5.30
[0.21]
[0.43]
[0.30]
9.53±0.05
[0.375]
[0.20]
[0.79]
Ø2.54±0.05
[0.09]
Ø2.25+0.1
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.09]
[0.25]
MIN 500
[19.7]
(NO) BLUE
(COM) RED
(NC) YELLOW
DIMENSIONS
V4N - STANDARD VERSION
DIMENSIONS
V4NS - SEALED VERSION
V4NC
DIMENSIONS
7.50
5.30
Ø2.54+0.5
0.50 (3x)
[0.20]
[0.09]
[0.30]
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.21]
[0.43]
[0.40]
[0.10]
[0.02]
[0.375]
[0.78]
[0.17]
[0.07]
1
4
2
10.80
5.16
19.85±0.15
Ø2.25+0.1
9.53±0.05
10.16
2.60
5.08
6.40
2.95
[0.25]
[0.12]
Ø1.70±0.05
[0.09]
Ø2.30
Ø4.40±0.05
(NC) BLUE
(COM) BLACK
(NO) GREY
K1
6.40
6.40
K2
6.40
K3
PREWIRED VERSION WITH CABLE BOX
FOR TYPE CODING KEY PLEASE CONTACT SAIA
STANDARD CABLE BOX IS K2
STANDARD CABLE FLRY 0.5mm WITH MAX. OUTSIDE DIAMETER 1.8mm
2
6.45



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com