Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V4NST7YRUL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # V4NST7YRUL
Description  Preferred Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V4NST7YRUL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  V4NST7YRUL Datasheet HTML 1Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 2Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 3Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.saia-switch.com
25
Saia microswitches
saia-switch@johnsonelectric.com
V4NS
V4NS
Characteristics
sealed (IP67)
solder, 2,8 mm faston and PCB terminals
pre-wired option
compliant to glow wire test IEC 60335-1, 4. ed.
Rating
250 VAC, 5 A (3 A prewired UL)
Dimensions (mm)
20 × 10,3 × 6,4
Actuator
plunger
plain levers
roller levers
simulated roller lever/cam follower
Approvals
UL, CSA, ENEC
Preferred Range
Ordering Actuating Force
Sealing
Operating pos.
Terminal
Circuit
Actuator
Contacts
Electrical rating
Reference (N)
(ozf)
(mm)
(in)
V4NST7UL
2,50
9,0
IP67
8,40
0,33
Solder
CO
Plain plunger
Ag
250 VAC, 5 A
V4NSUL
2,50
9,0
IP67
8,40
0,33
Pre-wired
CO
Plain plunger
Ag
250 VAC, 5 A
V4NST7Y1UL
0,90
3,2
IP67
10,6
0,42
Solder
CO
Straight lever
Ag
250 VAC, 5 A
V4NSY1UL
0,90
3,2
IP67
10,6
0,42
Pre-wired
CO
Straight lever
Ag
250 VAC, 5 A
V4NST7YRUL
0,90
3,2
IP67
15,6
0,62
Solder
CO
Roller lever
Ag
250 VAC, 5 A
V4NSYRUL
0,90
3,2
IP67
15,6
0,62
Pre-wired
CO
Roller lever
Ag
250 VAC, 5 A


Similar Part No. - V4NST7YRUL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V4NST7YRUL ETC2-V4NST7YRUL Datasheet
105Kb / 4P
Snap-action Microswitches
V4NST7YRUL ETC2-V4NST7YRUL Datasheet
125Kb / 4P
sealed (IP67)
More results

Similar Description - V4NST7YRUL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL1602B_1602K ETC-EL1602B_1602K Datasheet
745Kb / 1P
Preferred type
logo
International Rectifier
IRFP140PBF IRF-IRFP140PBF Datasheet
1Mb / 8P
Preferred for commercail-industrial applications where higher power levels preclude the use of TO-220 devices.
logo
Microsemi Corporation
RT100KP33A MICROSEMI-RT100KP33A Datasheet
138Kb / 4P
Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
logo
Protek Devices
PMPS150-1812 PROTEC-PMPS150-1812 Datasheet
544Kb / 6P
Surface mount PTC devices are the preferred over-current protection method for computer
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
Amphenol Preferred Parts Catalogue
logo
List of Unclassifed Man...
FI-S20P-HFE ETC2-FI-S20P-HFE Datasheet
383Kb / 9P
Preferred connector products
logo
Murata Manufacturing Co...
SCA100T-D02 MURATA-SCA100T-D02 Datasheet
168Kb / 2P
Maximum Range
SCL1700-D01 MURATA-SCL1700-D01 Datasheet
161Kb / 2P
Maximum Range
logo
Japan Aviation Electron...
SRCN6A25-24P JAE-SRCN6A25-24P Datasheet
290Kb / 8P
Preferred Connector
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
Pulse Transformers Range of preferred types
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com