Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V4NST7YRUL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # V4NST7YRUL
Description  Preferred Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V4NST7YRUL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  V4NST7YRUL Datasheet HTML 1Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 2Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 3Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.saia-switch.com
27
Saia microswitches
saia-switch@johnsonelectric.com
V4NS
Operating Characteristics
Actuating
Release
Free
Operating
Movement
Actuator
Reference
Force
Force
Position
Position
Differential
Maximum
Minimum
Maximum
Maximum
(N)
(ozf)
(N)
(ozf)
(mm)
(in)
(mm)
(in)
(mm)
(in)
Plunger
V4NST7UL
2,5
9,00
0,30
1,00
9,2
0,36
8,4 ± 0,3 0,33 ± 0,012
0,1
0,004
V4NSUL
2,5
9,00
0,30
1,00
9,2
0,36
8,4 ± 0,3 0,33 ± 0,012
0,1
0,004
Y1 lever
V4NST7Y1UL
0,9
3,20
0,07
0,25
13,2
0,52
10,6 ± 1,2 0,42 ± 0,05
0,4
0,016
V4NSY1UL
0,9
3,20
0,07
0,25
13,2
0,52
10,6 ± 1,2 0,42 ± 0,05
0,4
0,016
Width of lever 4,0 mm/0,16 in
YC lever
V4NST7YCUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1,2 0,61 ± 0,05
0,4
0,016
V4NSYCUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1,2 0,61 ± 0,05
0,4
0,016
Width of lever 4,0 mm/0,16 in
YR lever
V4NST7YRUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1,2 0,61 ± 0,05
0,4
0,016
V4NSYRUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1,2 0,61 ± 0,05
0,4
0,016
Width of lever 4,0 mm/0,16 in
Over travel: Plunger can be depressed flush with housing. The housing should not be used as an end stop.
18.5
[0.73]
18.0
[0.71
]
[0.09]
Ø2.3
18.5
[0.73]
18.0
[0.71
]
[0.09]
Ø2.3
18.0
[0.71
]
[0.09]
Ø2.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com