Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V4NST7YRUL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # V4NST7YRUL
Description  Preferred Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V4NST7YRUL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  V4NST7YRUL Datasheet HTML 1Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 2Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 3Page - List of Unclassifed Manufacturers V4NST7YRUL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
28
www.saia-switch.com
Saia microswitches
saia-switch@johnsonelectric.com
V4NS
Basic type
V4NS
Type of sealing/
No symbol, sealed IP67, standard travel
Overtravel
B
Sealed IP67
with extended overtravel (0,5 mm)
Terminals
No symbol, pre-wired 500 mm with cable box (V4NS/B only)
T7
Solder
2,95 • 0,5 • 3,6 long
T8
PCB
0,8 • 0,5 • 4,0 long
T9
Faston
2,8 • 0,5 • 8,1 long
T81
Formed PCB
0,8 • 0,5 • 3,8 long
T82
Formed PCB
0,8 • 0,5 • 3,8 long
Circuit
No symbol, change-over
C2
Normally closed
C4
Normally open
Actuators
No symbol, without lever
Y1
Plain lever
18,0 mm
Y2
Plain lever
25,0 mm
Y3
Plain lever
32,0 mm
YC
Cam follower lever 18,5 mm
YR
Roller lever
16,0 mm
QA
Long overtravel actuator available on request
Other actuators on special request
Actuator Position
No symbol, without lever, or lever fitted at the end nearest to the Plunger
0
With lever fitted at end opposite to plunger
Contact Material
No symbol, Fine silver
X
Gold alloy on silver palladium crosspoint
Approvals
UL
UL, CSA and ENEC approval
Special Features
/
□□□□ Saia specialise in customer specific solutions.
Additional product variants are available or can be provided.
If your requirements cannot be satisfied from the options listed,
please contact www.saia-burgess.com or your local SB outlet.
Ordering Reference
Example: V4NS
B
T7
C2
Y1
0
X
UL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com