Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5522TM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522TM/NOPB
Description  Programmable LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522TM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP5522TM/NOPB Datasheet HTML 1Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 2Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 3Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 4Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 5Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 6Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 7Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 8Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LP5522
www.ti.com
SNVS488 – JUNE 2007
Absolute Maximum Ratings
(1) (2)
V (VDD, LED, ISET)
-0.3V to +6.0V
Voltage on logic pin (CTRL)
-0.3V to VDD +0.3V
with 6.0V max
Continuous Power Dissipation (3)
Internally Limited
Junction Temperature (TJ-MAX)
125°C
Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature (Reflow soldering, 3 times)
260°C
(4)
ESD Rating (5)
Human Body Model
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=160°C (typ.) and
disengages at TJ=140°C (typ.).
(4)
For detailed soldering specifications and information, please refer to National Semiconductor Application Note AN1112 : Micro SMD
Wafer Level Chip Scale Package.
(5)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
Voltage on power pin (VDD)
2.7V to 5.5V
Recommended Load Current
1 mA to 20 mA
Junction Temperature (TJ) Range
-30°C to +125°C
Ambient Temperature (TA) Range
(3)
-30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA),
87°C/W
TMD06 Package (1)
(1)
.Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com