Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5522TM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522TM/NOPB
Description  Programmable LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522TM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP5522TM/NOPB Datasheet HTML 1Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 2Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 3Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 4Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 5Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 6Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 7Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 8Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LP5522
SNVS488 – JUNE 2007
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the operating ambient temperature range (-
30°C < TA < +85°C). Unless otherwise noted, specifications apply to the LP5522 Block Diagram with: VIN = 3.6V, RISET = 24
k
Ω, CIN = 100 nF.
Symbol
Parameter
Condition
Min
Typ
Max
Units
IVDD
Standby supply current
CTRL = L
0.2
1
µA
Active Mode Supply Current
CTRL = H, LED = off
40
55
µA
ILEAKAGE
LED Pin Leakage Current
1
µA
IOUT
LED Output Current
Without external resistor
5
mA
−8
+8
%
LED Output Current
With external 24k
Ω 0.04% resistor
20
mA
−8
+8
%
IMIRROR
External RISET
1:400
Mirroring Ratio
VISET
ISET Reference Voltage
1.23
V
VHR
Minimum Headroom Voltage
IOUT set to 10 mA
35
50
mV
(VIN - VLED)
(3)
IOUT set to 20 mA
70
100
mV
T_CYCLE_H
Minimum LED On Time
0.9
1.0
1.1
ms
T_CYCLE_L
Minimum LED Off Time
9
10
11
ms
ONRESOLUTION
LED On Time Resolution
1
ms
OFFRESOLUTIO
LED Off Time Resolution
10
ms
N
T_Timeout_H
LED Timeout On Time
287
319
351
ms
T_Timeout_L
LED Timeout Off Time
2.87
3.19
3.51
s
VIL
Logic Input Low Level
0.5
V
VIH
Logic Input High Level
1.2
V
IIN
CTRL Input Current
-1
1
µA
tON
CTRL Pulse ON Time
15
µs
tOFF
CTRL Pulse OFF Time
30
µs
tENTER
Command Entering Period
500
µs
tENTER+tBLANK
Command Entering Period +
1500
µs
Blank Period
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(3)
The current source is connected internally between VIN an VLED. The voltage across the current source, (VIN - VLED), is referred to a
headroom voltage (VHR). Minimum headroom voltage is defined as the VHR voltage when the LED current has dropped 10% from the
value measured at VLED = VIN - 1V.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com