Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5522TM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522TM/NOPB
Description  Programmable LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522TM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP5522TM/NOPB Datasheet HTML 1Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 2Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 3Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 4Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 5Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 6Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 7Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 8Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP5522
GND
GNDT
CTRL
VDD
ISET
LED
VIN
LP5522
www.ti.com
SNVS488 – JUNE 2007
Programmable LED Driver
Check for Samples: LP5522
1
FEATURES
•
0.2 uA typical shutdown current
•
Autonomous operation without external clock
2
•
Programmable blinking sequence
•
Micro SMD-6 package with 0.4 mm pitch:
–
1 to 3 programmable pulses
–
1.215 mm x 0.815 mm x 0.6 mm (LxWxH)
–
1 ms to 255 ms LED on time
–
10 ms to 2500 ms LED off time
APPLICATIONS
–
Single or continuous run of programmed
•
Indicator lights
blinking sequence
•
Phone cosmetics
•
Constant current high side output driver
•
Toys
•
Adjustable current with external resistor
DESCRIPTION
The LP5522 is a simple single wire programmable LED controller in six bump micro SMD package. It provides
constant current flow through high side driver. Output current can be set from 1 mA to 20 mA by using an
external resistor on the ISET pin. If no external resistor is used, output current is set to 5 mA default current. The
LP5522 is controlled using only one signal. The signal controls either directly the LED driver or it launches
previously programmed blinking sequence.
The LP5522 works autonomously without a clock signal from the master device. Very low LED driver headroom
voltage makes possible to use supply voltages close to LED forward voltage. Current consumption of the LP5522
is minimized when LED is turned off and once controller is disabled all supporting functions are also shut down.
Very small micro SMD package together with minimum number of external components is a best fit for handheld
devices.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP5522TM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5522TM/NOPB TI2-LP5522TM/NOPB Datasheet
359Kb / 18P
Programmable LED Driver
REVISED MARCH 2013
LP5522TM/NOPB.A TI2-LP5522TM/NOPB.A Datasheet
359Kb / 18P
Programmable LED Driver
REVISED MARCH 2013
More results

Similar Description - LP5522TM/NOPB

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612 Datasheet
450Kb / 13P
Programmable 300mA Camera Flash LED Driver
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
Programmable LED Driver
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612_08 Datasheet
296Kb / 14P
Programmable 300mA Camera Flash LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
Programmable 9-Output LED Driver
LP55231 TI-LP55231 Datasheet
785Kb / 53P
LP55231 Programmable 9-Output LED Driver
LP55231 TI1-LP55231_16 Datasheet
1Mb / 57P
LP55231 Programmable 9-Output LED Driver
logo
ON Semiconductor
CAT4003B ONSEMI-CAT4003B_12 Datasheet
178Kb / 12P
Constant Current Programmable LED Driver
January, 2012 ??Rev. 2
logo
Shanghai awinic technol...
AW9120 AWINIC-AW9120 Datasheet
1Mb / 33P
20 Programmable LED Driver
logo
LinkCom Manufacturing C...
INT050U142X1NS LINKCOM-INT050U142X1NS Datasheet
848Kb / 6P
50W Programmable Tunable White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com