Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5522TM/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522TM/NOPB
Description  Programmable LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522TM/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5522TM/NOPB Datasheet HTML 2Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 3Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 4Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 5Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 6Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 7Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 8Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 9Page - Texas Instruments LP5522TM/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LP5522
SNVS488 – JUNE 2007
www.ti.com
TRAINING: In Training mode new blinking sequence can be programmed. LED output follows CTRL signal
during the programming
TSD: If chip temperature rises above 160°C (typ.) device goes into Thermal Shut Down (TSD) mode. In TSD
mode output is disabled but supporting functions are on.
LED Driver Operational Description
The LP5522 LED driver is constant current source. Current can be set with external resistor (RISET) so that the
current ratio between resistor and LED is 1:400. RISET current correlates to ISET reference voltage (VISET).
Consequently, current through LED can be adjusted using equation IOUT = 480/RISET.
Use of external resistor is optional. If external resistor is not connected, default output current is 5 mA. When
external resistor is not used ISET pin should be connected to VDD.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com