Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BYW4200B Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYW4200B
Description  HIGH EFFICIENCY FAST RECOVERY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW4200B Datasheet(HTML) 1 Page - STMicroelectronics

  BYW4200B Datasheet HTML 1Page - STMicroelectronics BYW4200B Datasheet HTML 2Page - STMicroelectronics BYW4200B Datasheet HTML 3Page - STMicroelectronics BYW4200B Datasheet HTML 4Page - STMicroelectronics BYW4200B Datasheet HTML 5Page - STMicroelectronics BYW4200B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMBYW04-200
BYW4200B
®
October 1999 - Ed: 4C
HIGH EFFICIENCY FAST RECOVERY DIODE
IF(AV)
4 A
VRRM
200 V
VF (max)
0.85 V
Tj (max)
150 °C
MAIN PRODUCT CHARACTERISTICS
SUITED TO SMPS AND DRIVES
SURFACE MOUNT PACKAGE
VERY LOW FORWARD LOSSES
NEGLIGIBLE SWITCHING LOSSES
HIGH SURGE CURRENT CAPABILITY
FEATURES AND BENEFITS
Single chip rectifier suited to Switch Mode Power
Supplies and high frequency converters.
Packaged in DPAK and SMC, this surface mount
device is intended for use in low voltage, high
frequency inverters, free wheeling and rectification
applications.
DESCRIPTION
DPAK
BYW4200B
4
1(nc)
2
3
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
δ = 0.5
DPAK
SMC
Tcase = 130°C
Tlead = 70°C
4A
IFSM
Surge non repetitive forward current
tp = 10 ms
sinusoidal
70
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS (limiting values)
2
4(TAB)
3
SMC
(JEDEC DO-214AB)
SMBYW04-200
1/6
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - BYW4200B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW4200B STMICROELECTRONICS-BYW4200B Datasheet
103Kb / 6P
HIGH EFFICIENCY FAST RECOVERY DIODE
BYW4200B-RL STMICROELECTRONICS-BYW4200B-RL Datasheet
103Kb / 6P
HIGH EFFICIENCY FAST RECOVERY DIODE
More results

Similar Description - BYW4200B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT30G-400 STMICROELECTRONICS-BYT30G-400 Datasheet
71Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
BYW100-200 STMICROELECTRONICS-BYW100-200 Datasheet
48Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYW29G-200 STMICROELECTRONICS-BYW29G-200 Datasheet
63Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
BYW77G-200 STMICROELECTRONICS-BYW77G-200 Datasheet
66Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
SMBYW01-200 STMICROELECTRONICS-SMBYW01-200 Datasheet
59Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODE
Oct-1999
SMBYW04-200 STMICROELECTRONICS-SMBYW04-200 Datasheet
103Kb / 6P
HIGH EFFICIENCY FAST RECOVERY DIODE
STPR120A STMICROELECTRONICS-STPR120A Datasheet
51Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODE
Apr-2000
BYW29FP-200 STMICROELECTRONICS-BYW29FP-200 Datasheet
135Kb / 7P
HIGH EFFICIENCY FAST RECOVERY DIODES
May-2002
STTH8R03DJF STMICROELECTRONICS-STTH8R03DJF Datasheet
181Kb / 9P
Ultrafast recovery diode high efficiency
16-May-2012
STTH30R02DJF STMICROELECTRONICS-STTH30R02DJF Datasheet
181Kb / 9P
Ultrafast recovery diode high efficiency
March 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com