Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BYW4200B Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYW4200B
Description  HIGH EFFICIENCY FAST RECOVERY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW4200B Datasheet(HTML) 2 Page - STMicroelectronics

  BYW4200B Datasheet HTML 1Page - STMicroelectronics BYW4200B Datasheet HTML 2Page - STMicroelectronics BYW4200B Datasheet HTML 3Page - STMicroelectronics BYW4200B Datasheet HTML 4Page - STMicroelectronics BYW4200B Datasheet HTML 5Page - STMicroelectronics BYW4200B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Symbol
Parameter
Package
Value
Unit
Rth (j-c)
Junction to case
DPAK
5
°C/W
Rth (j-l)
Junction to leads
SMC
20
°C/W
THERMAL RESISTANCE
Symbol
Tests Conditions
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25
°CVR = VRRM
10
µA
Tj = 100
°C
0.15
0.5
mA
VF **
Forward voltage drop
Tj = 25
°CIF = 12 A
1.25
V
Tj = 100
°CIF = 4 A
0.8
0.85
STATIC ELECTRICAL CHARACTERISTICS
Pulse test :
* tp = 5 ms,
δ < 2 %
** tp = 380
µs, δ < 2%
To evaluate the maximum conduction losses use the following equation :
P = 0.7 x IF(AV) + 0.037 IF
2
(RMS)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 1A
VF = 30V
dIF/dt = -50 A/
µs26
35
ns
tfr
Tj = 25°C
IF = 4A
VFR = 1.1 x VF max
dIF/dt = -50 A/
µs20
ns
VFP
Tj = 25°C
IF = 4A
dIF/dt = -50 A/
µs5
V
RECOVERY CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
PF(av)(W)
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
IF(av) (A)
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2
4
6
8
10
12
14
16
18
20
IM(A)
P=1.0W
P=1.5W
P=2.0W
P=2.5W
T
δ=tp/T
tp
δ
Fig. 2: Peak current versus form factor.
SMBYW04-200 / BYW4200B
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com