Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BYW4200B Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYW4200B
Description  HIGH EFFICIENCY FAST RECOVERY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW4200B Datasheet(HTML) 4 Page - STMicroelectronics

  BYW4200B Datasheet HTML 1Page - STMicroelectronics BYW4200B Datasheet HTML 2Page - STMicroelectronics BYW4200B Datasheet HTML 3Page - STMicroelectronics BYW4200B Datasheet HTML 4Page - STMicroelectronics BYW4200B Datasheet HTML 5Page - STMicroelectronics BYW4200B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
80
90
100
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 11-1: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printed circuit board FR4, copper thickness:
35mm) (SMBYW04-200).
0
2
4
6
8
10121416
1820
0
10
20
30
40
50
60
70
80
90
100
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 11-2: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35mm)
(BYW4200B).
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
IRM(A)
IF=IF(av)
90% confidence
Tj=25°C
Tj=100°C
dIF/dt(A/µs)
Fig. 7: Reverse recovery current versus dIF/dt.
25
50
75
100
125
150
100
150
200
250
%
IRM
Qrr
trr
IF=4A
dIF/dt=50A/µs
VR=30V
Tj(°C)
Fig. 10: Dynamic parameters versus junction
temperature.
1
10
100
200
10
20
50
100
C(pF)
F=1MHz
Tj=25°C
VR(V)
Fig. 9: Junction capacitance versus reverse
voltage applied (typical values).
1
10
100
0
10
20
30
40
50
60
70
80
90
100
trr(ns)
IF=IF(av)
90% confidence
Tj=25°C
Tj=100°C
dIF/dt(A/µs)
Fig. 8: Reverse recovery time versus dIF/dt.
SMBYW04-200 / BYW4200B
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com