Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BYW4200B Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYW4200B
Description  HIGH EFFICIENCY FAST RECOVERY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW4200B Datasheet(HTML) 3 Page - STMicroelectronics

  BYW4200B Datasheet HTML 1Page - STMicroelectronics BYW4200B Datasheet HTML 2Page - STMicroelectronics BYW4200B Datasheet HTML 3Page - STMicroelectronics BYW4200B Datasheet HTML 4Page - STMicroelectronics BYW4200B Datasheet HTML 5Page - STMicroelectronics BYW4200B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
tp(s)
Fig. 6-2: Variation of thermal impedance junction
to case versus pulse duration (BYW4200B).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
70.0
IFM(A)
Tj=25°C
Tj=100°C
(Typical values)
Tj=100°C
VFM(V)
Fig. 4: Forward voltage drop versus forward
current (maximum values).
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
35
40
45
50
IM(A)
Tc=125°C
Tc=75°C
IM
t
δ=0.5
t(s)
Fig. 5-2: Non repetitive surge peak forward current
versus overload duration (BYW4200B).
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
Zth(j-a)/Rth(j-a)
T
δ=tp/T
tp
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
tp(s)
Fig. 6-1: Variation of thermal impedance junction to
ambient versus pulse duration (recommended pad
layout, epoxy FR4, e(Cu)=35
µm) (SMBYW04-200).
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
IF(av)(A)
Rth(j-a)=75°C/W
Rth(j-a)=Rth(j-l)
DPAK
Rth(j-a)=Rth(j-c)
SMC
Tamb(°C)
T
δ=tp/T
tp
Fig. 3: Average forward current versus ambient
temperature (
δ=0.5).
1E-3
1E-2
1E-1
1E+0
2
4
6
8
10
12
IM(A)
Ta=25°C
Ta=50°C
IM
t
δ=0.5
t(s)
Fig. 5-1: Non repetitive surge peak forward current
versus overload duration (SMBYW04-200).
SMBYW04-200 / BYW4200B
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com