Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDM8515P Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 12Page - Hynix Semiconductor HDM8515P Datasheet HTML 13Page - Hynix Semiconductor HDM8515P Datasheet HTML 14Page - Hynix Semiconductor HDM8515P Datasheet HTML 15Page - Hynix Semiconductor HDM8515P Datasheet HTML 16Page - Hynix Semiconductor HDM8515P Datasheet HTML 17Page - Hynix Semiconductor HDM8515P Datasheet HTML 18Page - Hynix Semiconductor HDM8515P Datasheet HTML 19Page - Hynix Semiconductor HDM8515P Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
16
Table 10: Motorola Write Cycle Timing Parameters (Busmode =0)
Symbol
Parameter
Min.
Max.
Unit
tsu1
Data Setup to /DS Active
5
-
ns
tsu2
R/W Setup to /CS and Address
3
-
ns
td1
/DS Delay from R/W
5
-
ns
td2
DTACK Delay from /DS Active
-
40
ns
td3
DTACK Delay from /DS Inactive
-
10
ns
tpw1
/DS Active Duration
5
-
ns
th1
Address, /CS and R/W Hold from /DS Inactive
5
-
ns
th2
Data Hold from /DS Inactive
5
-
ns
HI_ADDR[4:0]
/CS
/DS
R/W
DTACK
HI_DATA[7:0]
Valid
tsu2
t
t
t
t
t
td1
tpw1
h1
d2
d3
su1
h2
Valid
FIGURE 8: MOTOROLA WRITE TIMING DIAGRAM
Note:
External pull up resistor is required on DTACK.
#This page is only for HDM8515P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com