Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDM8515P Datasheet(PDF) 75 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 75 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 67Page - Hynix Semiconductor HDM8515P Datasheet HTML 68Page - Hynix Semiconductor HDM8515P Datasheet HTML 69Page - Hynix Semiconductor HDM8515P Datasheet HTML 70Page - Hynix Semiconductor HDM8515P Datasheet HTML 71Page - Hynix Semiconductor HDM8515P Datasheet HTML 72Page - Hynix Semiconductor HDM8515P Datasheet HTML 73Page - Hynix Semiconductor HDM8515P Datasheet HTML 74Page - Hynix Semiconductor HDM8515P Datasheet HTML 75Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 75 / 75 page
background image
75
A4. Nyquist Criteria Considerations
The HDM8515 is clocked at 60MHz, yet processes signals with symbol rates as high as 45M
symbols-per-second. At first thought, this might appear to be violating the Nyquist criteria which
states that the sampling rate must be at least twice the highest frequency component. The total
bandwidth of the 45Msps signal, with 35% excess bandwidth, is about 60MHz.
The samples provided to the HDM8515 are complex samples, which is equivalent to 120M
samples-per-second, which does satisfy the Nyquist criteria. Another way of looking at this is to
examine the baseband signal. The signal bandwidth covers 60MHz, but the baseband spectrum
covers from -30MHz to +30MHz. There are no baseband frequency components greater than
30MHz, and the 60MHz clock is adequate as long as complex samples are taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com