Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDM8515P Datasheet(PDF) 43 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 43 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 39Page - Hynix Semiconductor HDM8515P Datasheet HTML 40Page - Hynix Semiconductor HDM8515P Datasheet HTML 41Page - Hynix Semiconductor HDM8515P Datasheet HTML 42Page - Hynix Semiconductor HDM8515P Datasheet HTML 43Page - Hynix Semiconductor HDM8515P Datasheet HTML 44Page - Hynix Semiconductor HDM8515P Datasheet HTML 45Page - Hynix Semiconductor HDM8515P Datasheet HTML 46Page - Hynix Semiconductor HDM8515P Datasheet HTML 47Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
43
DATA_CLK
The DATA_CLK is used to latch data and control signal of transport
stream. The data and control signals can be programmed to be
latched either at positive or negative edge of DATA_CLK. This signal is
used in conjunction with DATA_VALID to transfer data from the
HDM8515.
The DATA_CLK will continue to toggle during the 16
bytes that the DATA_VALID signal indicates that no data is available
(see figure 9 and 10).
DATA_VALID
When this signal is true, data is valid. This signal is not true during
the time the 16 bytes of redundancy information is transmitted for the
Reed Solomon decoder.
FRAME_SYNC
This signal is true at the first byte of a block of 188/144 bytes.
DATA_STB
This signal is used to transfer data from the HDM8515 to an MPEG
decoder. This signal goes from low to high when a new byte of a 188
/144byte MPEG2 data stream block is available. This signal is
inactive during the time the 16 redundancy bytes are transferred.
FRAME_ERROR
This signal goes true when the Reed Solomon decoder detects that an
uncorrectable number of errors have occurred. The error flag in the
MPEG2 output stream is also set when this flag goes high.
WB_AGC
This one bit output provides a measure of the external analog gain
required for optimizing the signal applied to the analog to digital
converters. This signal must be filtered, then applied to the analog
gain control.
CLOCK
This is a buffered clock output signal which may be used to drive other
devices with the same clock which drives the HDM8515.
QPSK_LOCK
This signal goes true when the QPSK demodulator has achieved
phase lock.
VB_NODESYNC
This signal goes true when the Viterbi decoder has achieved node
synchronization.
LOCK
This signal goes true when the output data is valid and all
synchronization functions have been performed.
SYMBOL_CLOCK
This signal, used for test purposes, goes true for a duration of one
clock cycle for each received symbol. For symbol rates equal or
greater than half the clock frequency, this signal at times may remain
high for two successive clock cycles to indicate that two symbols have
occurred.
VB_DATA
The serial output of the Viterbi Decoder is provided on this pin. The
information rate at this point is less than the rate of the input clock
( less than 60Mbps if a 60MHz clock is employed). As long as valid
convolutional encoding is employed, there is no constraint that the
input signal adheres to MPEG2 format. This data is tapped priod to
the polarity correction circuitry, so the data at this point may be
inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com