Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDM8515P Datasheet(PDF) 47 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 47 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 43Page - Hynix Semiconductor HDM8515P Datasheet HTML 44Page - Hynix Semiconductor HDM8515P Datasheet HTML 45Page - Hynix Semiconductor HDM8515P Datasheet HTML 46Page - Hynix Semiconductor HDM8515P Datasheet HTML 47Page - Hynix Semiconductor HDM8515P Datasheet HTML 48Page - Hynix Semiconductor HDM8515P Datasheet HTML 49Page - Hynix Semiconductor HDM8515P Datasheet HTML 50Page - Hynix Semiconductor HDM8515P Datasheet HTML 51Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
47
retransmit the HDM8515 slave address, this time with the read/not write bit set to one (read). This
will be acknowledged by the HDM8515, which then assumes the role of slave transmitter and
transmits the requested byte. This byte should be acknowledged by the master receiver. If no
stop condition is generated by the master, the HDM8515 will increment its word address pointer
and transmit the next byte of information. This process is detailed in Figure 25.
S
SLAVE ADDRESS 0 A
WORD ADDRESS
A
S
SLAVE ADDRESS
1 A
DATA BYTE
A
7 Bits
8 Bits
7 Bits
acknowledgement
from slave
R/W
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from master
R/W
auto increment
memory word address
DATA BYTE
A
P
auto increment
memory word address
acknowledgement
from master
last byte
S: Start Condition
A:
Acknowledge
P: Stop Condition
HDM8515 becomes
slave transmitter
FIGURE 25: I2C READ FROM THE HDM8515
Table 13: I2C Slave Address
I2C_ADD0
I2C_ADD1
I2C_ADD2
I2C Address
0
0
0
0000000
1
0
0
0000011
0
1
0
0001100
1
1
0
0001111
0
0
1
0110000
1
0
1
0110011
0
1
1
0111100
1
1
1
0111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com