| Electronic Components Datasheet Search |
|
R5F21322CDSP Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F21322CDSP Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 55 page ![]() R8C/32C Group 5. Electrical Characteristics R01DS0009EJ0100 Rev 1.00 Page 33 of 52 Aug. 24, 2010 Notes: 1. The measurement condition is VCC = 1.8 V to 5.5 V and Topr = −20 to 85°C (N version) / −40 to 85°C (D version). 2. Time until the voltage monitor 2 interrupt request is generated after the voltage passes Vdet2. 3. Necessary time until the voltage detection circuit operates after setting to 1 again after setting the VCA27 bit in the VCA2 register to 0. Notes: 1. The measurement condition is Topr = −20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified. 2. To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in the OFS register to 0. Figure 5.3 Power-on Reset Circuit Electrical Characteristics Table 5.9 Voltage Detection 2 Circuit Electrical Characteristics Symbol Parameter Condition Standard Unit Min. Typ. Max. Vdet2 Voltage detection level Vdet2_0 At the falling of VCC 3.70 4.00 4.30 V − Hysteresis width at the rising of Vcc in voltage detection 2 circuit − 0.10 − V − Voltage detection 2 circuit response time (2) At the falling of Vcc from 5 V to (Vdet2_0 − 0.1) V − 20 150 µs − Voltage detection circuit self power consumption VCA27 = 1, VCC = 5.0 V − 1.7 −µA td(E-A) Waiting time until voltage detection circuit operation starts (3) −− 100 µs Table 5.10 Power-on Reset Circuit (2) Symbol Parameter Condition Standard Unit Min. Typ. Max. trth External power VCC rise gradient (1) 0 − 50,000 mV/msec Notes: 1. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit. Refer to 6. Voltage Detection Circuit of User’s Manual: Hardware (REJ09B0573) for details. 2. tw(por) indicates the duration the external power VCC must be held below the valid voltage (0.5 V) to enable a power-on reset. When turning on the power after it falls with voltage monitor 0 reset disabled, maintain tw(por) for 1 ms or more. Vdet0 (1) 0.5 V Internal reset signal tw(por) (2) Voltage detection 0 circuit response time Vdet0 (1) 1 fOCO-S × 32 1 fOCO-S × 32 External Power VCC trth trth |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |