| Electronic Components Datasheet Search |
|
R5F21322CDSP Datasheet(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F21322CDSP Datasheet(HTML) 27 Page - Renesas Technology Corp |
|
27 / 55 page ![]() R8C/32C Group 5. Electrical Characteristics R01DS0009EJ0100 Rev 1.00 Page 27 of 52 Aug. 24, 2010 Notes: 1. VCC = 1.8 to 5.5 V and Topr = −20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified. 2. The average output current indicates the average value of current measured during 100 ms. 3. fOCO40M can be used as the count source for timer RC in the range of VCC = 2.7 V to 5.5V. Table 5.2 Recommended Operating Conditions Symbol Parameter Conditions Standard Unit Min. Typ. Max. VCC/AVCC Supply voltage 1.8 − 5.5 V VSS/AVSS Supply voltage − 0 − V VIH Input “H” voltage Other than CMOS input 0.8 VCC − VCC V CMOS input Input level switching function (I/O port) Input level selection : 0.35 VCC 4.0 V ≤ VCC ≤ 5.5 V 0.5 VCC − VCC V 2.7 V ≤ VCC < 4.0 V 0.55 VCC − VCC V 1.8 V ≤ VCC < 2.7 V 0.65 VCC − VCC V Input level selection : 0.5 VCC 4.0 V ≤ VCC ≤ 5.5 V 0.65 VCC − VCC V 2.7 V ≤ VCC < 4.0 V 0.7 VCC − VCC V 1.8 V ≤ VCC < 2.7 V 0.8 VCC − VCC V Input level selection : 0.7 VCC 4.0 V ≤ VCC ≤ 5.5 V 0.85 VCC − VCC V 2.7 V ≤ VCC < 4.0 V 0.85 VCC − VCC V 1.8 V ≤ VCC < 2.7 V 0.85 VCC − VCC V External clock input (XOUT) 1.2 − VCC V VIL Input “L” voltage Other than CMOS input 0 − 0.2 VCC V CMOS input Input level switching function (I/O port) Input level selection : 0.35 VCC 4.0 V ≤ VCC ≤ 5.5 V 0 − 0.2 VCC V 2.7 V ≤ VCC < 4.0 V 0 − 0.2 VCC V 1.8 V ≤ VCC < 2.7 V 0 − 0.2 VCC V Input level selection : 0.5 VCC 4.0 V ≤ VCC ≤ 5.5 V 0 − 0.4 VCC V 2.7 V ≤ VCC < 4.0 V 0 − 0.3 VCC V 1.8 V ≤ VCC < 2.7 V 0 − 0.2 VCC V Input level selection : 0.7 VCC 4.0 V ≤ VCC ≤ 5.5 V 0 − 0.55 VCC V 2.7 V ≤ VCC < 4.0 V 0 − 0.45 VCC V 1.8 V ≤ VCC < 2.7 V 0 − 0.35 VCC V External clock input (XOUT) 0 − 0.4 V IOH(sum) Peak sum output “H” current Sum of all pins IOH(peak) −− −160 mA IOH(sum) Average sum output “H” current Sum of all pins IOH(avg) −− −80 mA IOH(peak) Peak output “H” current Drive capacity Low −− −10 mA Drive capacity High −− −40 mA IOH(avg) Average output “H” current Drive capacity Low −− −5mA Drive capacity High −− −20 mA IOL(sum) Peak sum output “L” current Sum of all pins IOL(peak) −− 160 mA IOL(sum) Average sum output “L” current Sum of all pins IOL(avg) −− 80 mA IOL(peak) Peak output “L” current Drive capacity Low −− 10 mA Drive capacity High −− 40 mA IOL(avg) Average output “L” current Drive capacity Low −− 5mA Drive capacity High −− 20 mA f(XIN) XIN clock input oscillation frequency 2.7 V ≤ VCC ≤ 5.5 V −− 20 MHz 1.8 V ≤ VCC < 2.7 V −− 5MHz f(XCIN) XCIN clock input oscillation frequency 1.8 V ≤ VCC ≤ 5.5 V − 32.768 50 kHz fOCO40M When used as the count source for timer RC (3) 2.7 V ≤ VCC ≤ 5.5 V 32 − 40 MHz fOCO-F fOCO-F frequency 2.7 V ≤ VCC ≤ 5.5 V −− 20 MHz 1.8 V ≤ VCC < 2.7 V −− 5MHz − System clock frequency 2.7 V ≤ VCC ≤ 5.5 V −− 20 MHz 1.8 V ≤ VCC < 2.7 V −− 5MHz f(BCLK) CPU clock frequency 2.7 V ≤ VCC ≤ 5.5 V −− 20 MHz 1.8 V ≤ VCC < 2.7 V −− 5MHz |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |