| Electronic Components Datasheet Search |
|
R5F21322CDSP Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F21322CDSP Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 55 page ![]() R8C/32C Group 4. Special Function Registers (SFRs) R01DS0009EJ0100 Rev 1.00 Page 14 of 52 Aug. 24, 2010 4. Special Function Registers (SFRs) An SFR (special function register) is a control register for a peripheral function. Tables 4.1 to 4.12 list the special function registers and Table 4.13 lists the ID Code Areas and Option Function Select Area. Table 4.1 SFR Information (1) (1) X: Undefined Notes: 1. The blank areas are reserved and cannot be accessed by users. 2. The CWR bit in the RSTFR register is set to 0 after power-on and voltage monitor 0 reset. Hardware reset, software reset, or watchdog timer reset does not affect this bit. 3. The CSPROINI bit in the OFS register is set to 0. 4. The LVDAS bit in the OFS register is set to 1. 5. The LVDAS bit in the OFS register is set to 0. Address Register Symbol After Reset 0000h 0001h 0002h 0003h 0004h Processor Mode Register 0 PM0 00h 0005h Processor Mode Register 1 PM1 00h 0006h System Clock Control Register 0 CM0 00101000b 0007h System Clock Control Register 1 CM1 00100000b 0008h Module Standby Control Register MSTCR 00h 0009h System Clock Control Register 3 CM3 00h 000Ah Protect Register PRCR 00h 000Bh Reset Source Determination Register RSTFR 0XXXXXXXb (2) 000Ch Oscillation Stop Detection Register OCD 00000100b 000Dh Watchdog Timer Reset Register WDTR XXh 000Eh Watchdog Timer Start Register WDTS XXh 000Fh Watchdog Timer Control Register WDTC 00111111b 0010h 0011h 0012h 0013h 0014h 0015h High-Speed On-Chip Oscillator Control Register 7 FRA7 When shipping 0016h 0017h 0018h 0019h 001Ah 001Bh 001Ch Count Source Protection Mode Register CSPR 00h 10000000b (3) 001Dh 001Eh 001Fh 0020h 0021h 0022h 0023h High-Speed On-Chip Oscillator Control Register 0 FRA0 00h 0024h High-Speed On-Chip Oscillator Control Register 1 FRA1 When shipping 0025h High-Speed On-Chip Oscillator Control Register 2 FRA2 00h 0026h On-Chip Reference Voltage Control Register OCVREFCR 00h 0027h 0028h Clock Prescaler Reset Flag CPSRF 00h 0029h High-Speed On-Chip Oscillator Control Register 4 FRA4 When Shipping 002Ah High-Speed On-Chip Oscillator Control Register 5 FRA5 When Shipping 002Bh High-Speed On-Chip Oscillator Control Register 6 FRA6 When Shipping 002Ch 002Dh 002Eh 002Fh High-Speed On-Chip Oscillator Control Register 3 FRA3 When shipping 0030h Voltage Monitor Circuit Control Register CMPA 00h 0031h Voltage Monitor Circuit Edge Select Register VCAC 00h 0032h 0033h Voltage Detect Register 1 VCA1 00001000b 0034h Voltage Detect Register 2 VCA2 00h (4) 00100000b (5) 0035h 0036h Voltage Detection 1 Level Select Register VD1LS 00000111b 0037h 0038h Voltage Monitor 0 Circuit Control Register VW0C 1100X010b (4) 1100X011b (5) 0039h Voltage Monitor 1 Circuit Control Register VW1C 10001010b |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |