| Electronic Components Datasheet Search |
|
R5F21322CDSP Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F21322CDSP Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 55 page ![]() R8C/32C Group 5. Electrical Characteristics R01DS0009EJ0100 Rev 1.00 Page 32 of 52 Aug. 24, 2010 Notes: 1. The measurement condition is VCC = 1.8 V to 5.5 V and Topr = −20 to 85°C (N version) / −40 to 85°C (D version). 2. Select the voltage detection level with bits VDSEL0 and VDSEL1 in the OFS register. 3. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA25 bit in the VCA2 register to 0. 4. Time until the voltage monitor 0 reset is generated after the voltage passes Vdet0. Notes: 1. The measurement condition is VCC = 1.8 V to 5.5 V and Topr = −20 to 85°C (N version) / −40 to 85°C (D version). 2. Select the voltage detection level with bits VD1S0 to VD1S3 in the VD1LS register. 3. Time until the voltage monitor 1 interrupt request is generated after the voltage passes Vdet1. 4. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2 register to 0. Table 5.7 Voltage Detection 0 Circuit Electrical Characteristics Symbol Parameter Condition Standard Unit Min. Typ. Max. Vdet0 Voltage detection level Vdet0_0 (2) 1.80 1.90 2.05 V Voltage detection level Vdet0_1 (2) 2.15 2.35 2.50 V Voltage detection level Vdet0_2 (2) 2.70 2.85 3.05 V Voltage detection level Vdet0_3 (2) 3.55 3.80 4.05 V − Voltage detection 0 circuit response time (4) At the falling of VCC from 5 V to (Vdet0_0 − 0.1) V − 6 150 µs − Voltage detection circuit self power consumption VCA25 = 1, VCC = 5.0 V − 1.5 −µA td(E-A) Waiting time until voltage detection circuit operation starts (3) −− 100 µs Table 5.8 Voltage Detection 1 Circuit Electrical Characteristics Symbol Parameter Condition Standard Unit Min. Typ. Max. Vdet1 Voltage detection level Vdet1_0 (2) At the falling of VCC 2.00 2.20 2.40 V Voltage detection level Vdet1_1 (2) At the falling of VCC 2.15 2.35 2.55 V Voltage detection level Vdet1_2 (2) At the falling of VCC 2.30 2.50 2.70 V Voltage detection level Vdet1_3 (2) At the falling of VCC 2.45 2.65 2.85 V Voltage detection level Vdet1_4 (2) At the falling of VCC 2.60 2.80 3.00 V Voltage detection level Vdet1_5 (2) At the falling of VCC 2.75 2.95 3.15 V Voltage detection level Vdet1_6 (2) At the falling of VCC 2.85 3.10 3.40 V Voltage detection level Vdet1_7 (2) At the falling of VCC 3.00 3.25 3.55 V Voltage detection level Vdet1_8 (2) At the falling of VCC 3.15 3.40 3.70 V Voltage detection level Vdet1_9 (2) At the falling of VCC 3.30 3.55 3.85 V Voltage detection level Vdet1_A (2) At the falling of VCC 3.45 3.70 4.00 V Voltage detection level Vdet1_B (2) At the falling of VCC 3.60 3.85 4.15 V Voltage detection level Vdet1_C (2) At the falling of VCC 3.75 4.00 4.30 V Voltage detection level Vdet1_D (2) At the falling of VCC 3.90 4.15 4.45 V Voltage detection level Vdet1_E (2) At the falling of VCC 4.05 4.30 4.60 V Voltage detection level Vdet1_F (2) At the falling of VCC 4.20 4.45 4.75 V − Hysteresis width at the rising of Vcc in voltage detection 1 circuit Vdet1_0 to Vdet1_5 selected − 0.07 − V Vdet1_6 to Vdet1_F selected − 0.10 − V − Voltage detection 1 circuit response time (3) At the falling of Vcc from 5 V to (Vdet1_0 − 0.1) V − 60 150 µs − Voltage detection circuit self power consumption VCA26 = 1, VCC = 5.0 V − 1.7 −µA td(E-A) Waiting time until voltage detection circuit operation starts (4) −− 100 µs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |