Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2352 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2352
Description  PLL jitter effects on C-CAN modules of the ST10F27x
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2352 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2352 Datasheet HTML 3Page - STMicroelectronics AN2352 Datasheet HTML 4Page - STMicroelectronics AN2352 Datasheet HTML 5Page - STMicroelectronics AN2352 Datasheet HTML 6Page - STMicroelectronics AN2352 Datasheet HTML 7Page - STMicroelectronics AN2352 Datasheet HTML 8Page - STMicroelectronics AN2352 Datasheet HTML 9Page - STMicroelectronics AN2352 Datasheet HTML 10Page - STMicroelectronics AN2352 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN2352
Configuration of the CAN bit timing
7/20
Figure 3.
Synchronization on “late” and “early” edges
In the first example, an edge from recessive to dominant occurs at the end of Prop_Seg.
The edge is “late” since it occurs after the Sync_Seg. Reacting to the “late” edge,
Phase_Seg1 is lengthened so that the distance from the edge to the sample point is the
same as it would have been from the Sync_Seg to the sample point if no edge had
occurred. The phase error of this “late” edge is less than the SJW, so it is fully compensated
and the edge from dominant to recessive at the end of the bit, which is one nominal bit time
long, occurs in the Sync_Seg.
In the second example, an edge from recessive to dominant occurs during Phase_Seg2.
The edge is “early” since it occurs before a Sync_Seg. Reacting to the “early” edge,
Phase_Seg2 is shortened and Sync_Seg is omitted, so that the distance from the edge to
the sample point is the same as it would have been from an Sync_Seg to the sample point if
no edge had occurred. As in the previous example, the magnitude of this “early” edge’s
phase error is less than the SJW, so it is fully compensated.
The phase buffer segments are lengthened or shortened only temporarily; at the next bit
time, the segments return to their nominal programmed values.
In these examples, the bit timing is seen from the point of view of the CAN implementation’s
state machine, where the bit time starts and ends at the sample points. The state machine
omits Sync_Seg when synchronizing on an “early” edge because it cannot subsequently
redefine that time quantum of Phase_Seg2 where the edge occurs to be the Sync_Seg.
recessive
dominant
recessive
dominant
Sync_Seg
Prop_Seg
Phase_Seg1
Phase_Seg2
“late” edge
“early” edge
Rx-input
Rx-input
Sample-point
Sample-point
Sample-point
Sample-point
Sample-Point
Sample-Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com