Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2352 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2352
Description  PLL jitter effects on C-CAN modules of the ST10F27x
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2352 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2352 Datasheet HTML 1Page - STMicroelectronics AN2352 Datasheet HTML 2Page - STMicroelectronics AN2352 Datasheet HTML 3Page - STMicroelectronics AN2352 Datasheet HTML 4Page - STMicroelectronics AN2352 Datasheet HTML 5Page - STMicroelectronics AN2352 Datasheet HTML 6Page - STMicroelectronics AN2352 Datasheet HTML 7Page - STMicroelectronics AN2352 Datasheet HTML 8Page - STMicroelectronics AN2352 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Configuration of the CAN bit timing
AN2352
4/20
Figure 1.
Bit timing
Table 1 describes the minimum programmable ranges required by the CAN protocol.
A given bit rate may be met by different bit time configurations but for the proper functioning
of the CAN network, the physical delay times and the oscillator’s tolerance range must be
taken into consideration.
1.2
Propagation time segment
This part of the bit time compensates physical delay times within the network. These delay
times consist of the signal propagation time on the bus and the internal delay time of the
CAN nodes.
Any CAN node synchronized to the bit stream on the CAN bus will be out of phase with the
transmitter of that bit stream due to the signal propagation time between the two nodes. The
CAN protocol’s nondestructive bit-wise arbitration and the dominant acknowledge bit
provided by the receivers of CAN messages require a CAN node transmitting a bit stream to
also receive dominant bits transmitted by other CAN nodes that are synchronized to that bit
stream. The example in
Figure 2 shows the phase shift and propagation times between two
CAN nodes.
Table 1.
Parameters of the CAN bit time
Parameter
Range
Remark
BRP
[1 .. 32]
Defines the length of the time quantum tq
Sync_Seg
1 tq
Fixed length, synchronization of bus input to system clock
Prop_Seg
[1 .. 8] tq
Compensates the physical delay times
Phase_Seg1
[1 .. 8] tq
May be lengthened temporarily by synchronization
Phase_Seg2
[1 .. 8] tq
May be shortened temporarily by synchronization
SJW
[1 .. 4] tq
May not be longer than either phase buffer segment
1 Time quantum
(t
q
)
Sync_ Prop_Seg
Phase_Seg1
Phase_Seg2
Sample point
Nominal CAN bit time
Seg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com