Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4189 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4189
Description  The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4189 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4189 Datasheet HTML 3Page - STMicroelectronics AN4189 Datasheet HTML 4Page - STMicroelectronics AN4189 Datasheet HTML 5Page - STMicroelectronics AN4189 Datasheet HTML 6Page - STMicroelectronics AN4189 Datasheet HTML 7Page - STMicroelectronics AN4189 Datasheet HTML 8Page - STMicroelectronics AN4189 Datasheet HTML 9Page - STMicroelectronics AN4189 Datasheet HTML 10Page - STMicroelectronics AN4189 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN4189
Schematic and bill of material
Doc ID 023809 Rev 1
7/23
Table 1.
Bill of material
Item
Type
Package
Description
Qty
Reference
Manufacturer
1
CCAP
CAP0603
100 nF, 50 V,
±10%
18
C1, C2, C3, C4,C6, C7, C11,
C12, C16, C17, C18, C19,
C22, C23, C24, C25, C34, C35
Murata
2
CCAP
CAP0603
1 nF, 50 V,
±10%
1
C5
Murata
3
CCAP
CAP0603
4.7 nF, 50 V,
±10%
1
C8
Murata
4
CCAP
CAP0603
680 pF, 50 V,
±5%
1
C9
Murata
5
CCAP
CAP0603
330 pF, 50 V,
±10%
2
C15, C21
Murata
6
CCAP
CAP0603
10 nF, 50 V,
±10%
6
C27, C28, C29, C30, C31, C32
Murata
7
CCAP
CAP1206
1 µF, 50 V
2
C13, C14
Murata
8
ECAP
D = 10 mm
1000 µF, 25 V
1
C10
Rubycon
9
ECAP
D = 7 mm
22 µF, 16 V
1
C33
Rubycon
10
ECAP
D = 5 mm
2.2 µF, 25 V
1
C36
Rubycon
11
CHIP
BEAD
L0805
600 ohm @ 100 MHz
2
BD1, BD2
Murata
12
CRES
R0603
10 K,
±5%
2
R1, R3
Murata
13
CRES
R0603
0 ohm,
±5%
1
R2
Murata
14
CRES
R0603
2.2 K,
±5%
1
R4
Murata
15
CRES
R1206
22 ohm,
±5%
2
R5, R8
Murata
16
CRES
R1206
6.2 ohm,
±5%
4
R6, R7, R9, R10
Murata
17
Test point
Through-hole
1x5 2.54 mm pitch
1
J2
Any source
18
Connector Through-hole
2x8 2.54 pitch male
connector
1J3
Any source
19
Jumper
Through-hole
1x3 2.54 mm pitch
4
JP1, JP2, JP3, JP4
Any source
20
IC
PowerSSO36
STA335ML
1
U1
ST
21
CAP
Through-hole
470 nF
2
C20, C26
22
Connector Through-hole
WP4-15
1
J1
Song Cheng
23
Connector Through-hole
FFKDS/H1-5.08
3
J5, J6, J7
Phoenix
Contact
24
Connector Through-hole
FFKDSA1/H1-7.62
1
J4
Phoenix
Contact
25
Coil
Through-hole
22 µH
4
L1, L2, L3, L4
Kwang Sung
26
Tact
switch
Through-hole
6x6 tact switch
1
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com