Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4189 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4189
Description  The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4189 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4189 Datasheet HTML 1Page - STMicroelectronics AN4189 Datasheet HTML 2Page - STMicroelectronics AN4189 Datasheet HTML 3Page - STMicroelectronics AN4189 Datasheet HTML 4Page - STMicroelectronics AN4189 Datasheet HTML 5Page - STMicroelectronics AN4189 Datasheet HTML 6Page - STMicroelectronics AN4189 Datasheet HTML 7Page - STMicroelectronics AN4189 Datasheet HTML 8Page - STMicroelectronics AN4189 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AN4189
Test conditions and connections of demonstration board
Doc ID 023809 Rev 1
5/23
Figure 4.
Hookup of test connections with equipment
Audio Precision Equipment
STA335ML
Demo Board
DC Power Supply
Digital Oscilloscope
TDS3034B Tektronix
Output
to AP
S/PDIF
Signal
Monitor
AP Interface
I
2S Input
(DC3V3)
From 5V to 18V
7V for LPT B’D
(DC7V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com