Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4189 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4189
Description  The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4189 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4189 Datasheet HTML 1Page - STMicroelectronics AN4189 Datasheet HTML 2Page - STMicroelectronics AN4189 Datasheet HTML 3Page - STMicroelectronics AN4189 Datasheet HTML 4Page - STMicroelectronics AN4189 Datasheet HTML 5Page - STMicroelectronics AN4189 Datasheet HTML 6Page - STMicroelectronics AN4189 Datasheet HTML 7Page - STMicroelectronics AN4189 Datasheet HTML 8Page - STMicroelectronics AN4189 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AN4189
Test conditions and connections of demonstration board
Doc ID 023809 Rev 1
3/23
1
Test conditions and connections of demonstration
board
1.1
Test conditions
1.1.1
Jumpers, power supply, signal and interface settings
●
JP1 is for format selection: 0* = I2S, 1* = left justified
●
JP2 is for oversampling selection: 0 = 256 Fs, 1 = 384 Fs
●
JP3 is for gain selection: 0 = 0 dB, 1 = +24 dB, 0 = connect to outer side, 1 = connect to
inner side
●
+3.3 V selection: outer side = external +3.3 V, inner side = internal +3.3 V
●
Connect positive voltage of 12 V DC power supply to +Vcc pin and negative to GND
●
Connect positive voltage of 3.3 V DC power supply to +3V3 pin and negative to GND. If
the +3.3V selection is set to inner side, there is no need to connect these wires.
●
Connect STEVAL-CCA035V1 (APWLink USB interface board) to the J3 connector of
the STA335ML demonstration board or suitable I2S signals as shown in the schematic
diagram (DATA on pin 1, LRCK on pin 4 and BICK on pin 5).
●
Connect the S/PDIF signal cable to the RCA jack on the interface board, the other side
connecting to the signal source such as Audio Precision equipment or a DVD player.
●
Note that the voltage range of the DC power supply for Vcc is from 5 V to 18 V.
1.1.2
Output configuration
The STA335ML demonstration board is configured to 2.0 channels only and requires no
software to control it, so it is not necessary to connect STEVAL-CCA035V1 to the PC. When
the power supply, signal, interface and output are set up, push the RESET button, and the
STEVAL-CCA049V1 demonstration board is ready to operate properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com