Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4189 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4189
Description  The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4189 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4189 Datasheet HTML 5Page - STMicroelectronics AN4189 Datasheet HTML 6Page - STMicroelectronics AN4189 Datasheet HTML 7Page - STMicroelectronics AN4189 Datasheet HTML 8Page - STMicroelectronics AN4189 Datasheet HTML 9Page - STMicroelectronics AN4189 Datasheet HTML 10Page - STMicroelectronics AN4189 Datasheet HTML 11Page - STMicroelectronics AN4189 Datasheet HTML 12Page - STMicroelectronics AN4189 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AN4189
Design guidelines for PCB schematic and layout
Doc ID 023809 Rev 1
9/23
3
Design guidelines for PCB schematic and layout
3.1
Schematic
3.1.1
General
●
Absolute maximum rating: 20 V
●
Bypass capacitor 100 nF in parallel to 1 µF for each power Vcc branch. Preferable
dielectric is X7R.
●
Vdd and ground for the PLL filter are separated from the other power supply
●
Coil saturation current compatible with the peak current of the application
3.1.2
Decoupling capacitors
There are two different ways to utilize these as follows:
●
The decoupling capacitor(s) can be shared among channels; the "star route" for the PC
board layout must be used.
●
The decoupling capacitor(s) can be used as one decoupling system per channel; the
decoupling capacitor must be placed as close as possible to the IC pins.
3.1.3
Output filter
The IC output circuit contains three filters: a snubber, a damping network, and a main filter.
Figure 8.
Output filter
1.
The key function of a snubber network is to absorb energy from the reactance in the
power circuit. The purpose of the snubber RC network is to avoid unnecessary high
pulse energy such as a spike in the power circuit which is dangerous to the system.
2.
The purpose of the main filter is to attenuate frequencies higher than the audible range
of 20 kHz. The main filter is designed using the Butterworth formula to define the cutoff
C98
470 n
C105
100 n
C101
100 n
C95
100 n
C89
100 n
C90
330 p
C99
100 0p
C103
100 0p
L13
22u
L11
22u
C91
100 0p
R37
6.2
R34
6.2
R36
20
INxA
INxB
1
2
J7
CON2
SNUBBER
Main Filter
Damping Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com