Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4370 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 3Page - STMicroelectronics AN4370 Datasheet HTML 4Page - STMicroelectronics AN4370 Datasheet HTML 5Page - STMicroelectronics AN4370 Datasheet HTML 6Page - STMicroelectronics AN4370 Datasheet HTML 7Page - STMicroelectronics AN4370 Datasheet HTML 8Page - STMicroelectronics AN4370 Datasheet HTML 9Page - STMicroelectronics AN4370 Datasheet HTML 10Page - STMicroelectronics AN4370 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID025336 Rev 1
7/23
AN4370
BEMF Zero crossing detection internal peripheral
22
Figure 3. Ringing noise
The BEMFCNT can be updated via SPI by writing its new value on it, or through a positive
pulse (the width of the pulse must be greater than 200ns) at the BC input pin. The update
mode, set by the BEMFCM bit is exclusive, this means that in SPI mode, a pulse over the
0
1 (PWM on
LS)
VSMS comparator
0
LS turn-on
To be used for passive
freewheeling. We recommend
selecting the VSMS comparator
output for low PWM duty cycles.
0
1 (PWM on
LS)
VSMS comparator
1
HS turn-off
To be used for active
freewheeling. We recommend
selecting the VSMS comparator
output for low PWM duty cycles.
1
0 (PWM on
HS)
VSMS/2 comparator
X
HS turn-off
We recommend selecting the
VSMS/2 comparator output for
high PWM duty cycles.
1
1 (PWM on
LS)
VSMS/2 comparator
X
LS turn-off
We recommend selecting the
VSMS/2 comparator output for
high PWM duty cycles.
Table 1. PWM edge used for filtering the selected BEMF Z crossing comparator output
BEMFMOD
BEMFSW
BEMF comparator
selected
BEMFPOL
BEMF
sampling
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com